Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9Z34NS Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRF9Z34NS
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9Z34NS Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRF9Z34NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF9Z34NS Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** V
GS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
IRF9Z34NS/L
2014-8-30
7
www.kersemi.com


Similar Part No. - IRF9Z34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
172Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9Z34NS ISC-IRF9Z34NS Datasheet
298Kb / 2P
   isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF9Z34NS VBSEMI-IRF9Z34NS Datasheet
931Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
International Rectifier
IRF9Z34NSL IRF-IRF9Z34NSL Datasheet
172Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF9Z34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com