Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9Z24N Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRF9Z24N
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9Z24N Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRF9Z24N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (BR)DSS
I AS
R G
IAS
0.01
t p
D.U.T
L
V DS
VDD
DRIV E R
A
15V
- 20V
0
50
100
150
200
250
25
50
75
100
125
150
175
J
A
Starting T , Ju nction Te mperature (°C)
I
TO P
-2. 9A
-5.1 A
B OTTO M
-7.2 A
D
IRF9Z24N
2014-8-9
6
www.kesemi.com


Similar Part No. - IRF9Z24N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
logo
Guangdong Youtai Semico...
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
   -55V P-Channel MOSFET
logo
International Rectifier
IRF9Z24NL IRF-IRF9Z24NL Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24NL IRF-IRF9Z24NL Datasheet
179Kb / 11P
   Advanced Process Technology
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
394Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRF9Z24N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com