Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO3413 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # AO3413
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AO3413 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  AO3413 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AO3413 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AO3413 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AO3413 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-0.3
-0.55
-1
V
ID(ON)
-15
A
81
97
TJ=125°C
111
135
108
130
m
146
190
m
gFS
47
S
VSD
-0.78
-1
V
IS
-2
A
Ciss
540
pF
Coss
72
pF
Crss
49
pF
Rg
12
Qg
6.1
nC
Qgs
0.6
nC
Qgd
1.6
nC
tD(on)
10
ns
tr
12
ns
tD(off)
44
ns
tf
22
ns
trr
21
ns
Qrr
7.5
nC
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
IF=-3A, dI/dt=100A/µs
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-3A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=3.3Ω,
RGEN=3Ω
m
VGS=-2.5V, ID=-2.6A
IS=-1A,VGS=0V
VDS=-5V, ID=-3A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-16V, VGS=0V
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-3A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-1.8V, ID=-1A
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-3A
Reverse Transfer Capacitance
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
KSM3413
2014-5-29
2
www.kersemi.com


Similar Part No. - AO3413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413 Datasheet
222Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
AO3413 AOSMD-AO3413 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3413 KEXIN-AO3413 Datasheet
2Mb / 4P
   P-Channel MOSFET
AO3413-3 KEXIN-AO3413-3 Datasheet
2Mb / 4P
   P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
   P-Channel MOSFET
More results

Similar Description - AO3413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com