Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

880373 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 880373
Description  1575 MHz BAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

880373 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  880373_15 Datasheet HTML 1Page - TriQuint Semiconductor 880373_15 Datasheet HTML 2Page - TriQuint Semiconductor 880373_15 Datasheet HTML 3Page - TriQuint Semiconductor 880373_15 Datasheet HTML 4Page - TriQuint Semiconductor 880373_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 880373
1575 MHz BAW Filter
Subject to change or obsolescence without notice
Rev -
June-2007
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
oC
Parameter
(3)
Minimum
Typical
Maximum
Unit
Center Frequency
1570
1575
1580
MHz
Insertion Loss @ Fo
-
3.0
4.5
dB
3 dB Bandwidth
(4)
23
33
-
MHz
40 dB Lower Frequency Edge
1537.5
-
-
MHz
40 dB Upper Frequency Edge
-
-
1612.5
MHz
VSWR @ Fo
-
1.7
2:1
Source Impedance
-
50
-
Load Impedance
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Referenced to the insertion loss at center frequency
Test Circuit:
50
Single-ended
Input
I/O
50
50
I/O
GND
50
Single-ended
Output


Similar Part No. - 880373_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880370 TRIQUINT-880370 Datasheet
144Kb / 5P
   710 MHz BAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
   915 MHz BAW Filter
880372 TRIQUINT-880372_15 Datasheet
168Kb / 5P
   1227.6 MHz BAW Filter
logo
Qorvo, Inc
880374 QORVO-880374 Datasheet
379Kb / 7P
   1090 MHz IFF BAW Filter
880374-EVB QORVO-880374-EVB Datasheet
379Kb / 7P
   1090 MHz IFF BAW Filter
More results

Similar Description - 880373_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880404 TRIQUINT-880404_15 Datasheet
113Kb / 5P
   1575 MHz BAW Filter
880273 TRIQUINT-880273_15 Datasheet
181Kb / 5P
   1575 MHz BAW Filter
logo
Qorvo, Inc
880273 QORVO-880273 Datasheet
234Kb / 6P
   1575 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1021A TAI-SAW-TA1021A Datasheet
327Kb / 7P
   SAW Filter 1575 MHz
logo
RF Monolithics, Inc
SF1186B-4 RFM-SF1186B-4 Datasheet
144Kb / 4P
   1575 MHz SAW Filter
logo
Dielectric Laboratories...
B016MD5S DILABS-B016MD5S Datasheet
644Kb / 2P
   1575 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1318A TAI-SAW-TA1318A Datasheet
456Kb / 6P
   SAW Filter 1575 MHz
TA1190A TAI-SAW-TA1190A Datasheet
371Kb / 8P
   SAW Filter 1575 MHz
TA2075A TAI-SAW-TA2075A Datasheet
302Kb / 7P
   SAW Filter 1575 MHz
logo
Dielectric Laboratories...
AFL05235 DILABS-AFL05235 Datasheet
555Kb / 3P
   1575 MHz Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com