Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9Z24N Datasheet(PDF) 6 Page - International Rectifier

Part # IRF9Z24N
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z24N Datasheet(HTML) 6 Page - International Rectifier

  IRF9Z24N Datasheet HTML 1Page - International Rectifier IRF9Z24N Datasheet HTML 2Page - International Rectifier IRF9Z24N Datasheet HTML 3Page - International Rectifier IRF9Z24N Datasheet HTML 4Page - International Rectifier IRF9Z24N Datasheet HTML 5Page - International Rectifier IRF9Z24N Datasheet HTML 6Page - International Rectifier IRF9Z24N Datasheet HTML 7Page - International Rectifier IRF9Z24N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF9Z24N
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (BR)DSS
I AS
R G
IAS
0.01
t p
D.U.T
L
V DS
VDD
DRIV E R
A
15V
- 20V
0
50
100
150
200
250
25
50
75
100
125
150
175
J
A
Starting T , Ju nction Te mperature (°C)
I
TO P
-2. 9A
-5.1 A
B OTTO M
-7.2 A
D


Similar Part No. - IRF9Z24N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9Z24N KERSEMI-IRF9Z24N Datasheet
720Kb / 8P
   Advanced Process Technology
logo
Guangdong Youtai Semico...
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
   -55V P-Channel MOSFET
logo
International Rectifier
IRF9Z24NL IRF-IRF9Z24NL Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24NL IRF-IRF9Z24NL Datasheet
179Kb / 11P
   Advanced Process Technology
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
394Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRF9Z24N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com