Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG2406TK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PG2406TK
Description  0.01 to 3.0 GHz SPDT SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PG2406TK Datasheet(HTML) 4 Page - Renesas Technology Corp

  PG2406TK_15 Datasheet HTML 1Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 2Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 3Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 4Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 5Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 6Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 7Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 8Page - Renesas Technology Corp PG2406TK_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 1.8 V, Vcont (L) = 0 V, DC blocking capacitors = 56 pF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 7
Lins7
f = 0.01 to 0.05 GHz
Note 1
0.40
dB
Insertion Loss 8
Lins8
f = 0.05 to 0.5 GHz
Note 2
0.40
0.46
dB
Insertion Loss 9
Lins9
f = 0.5 to 1.0 GHz
0.40
0.47
dB
Insertion Loss 10
Lins10
f = 1.0 to 2.0 GHz
0.46
0.52
dB
Insertion Loss 11
Lins11
f = 2.0 to 2.5 GHz
0.48
0.57
dB
Insertion Loss 12
Lins12
f = 2.5 to 3.0 GHz
0.54
0.62
dB
Isolation 7
ISL7
f = 0.01 to 0.05 GHz
Note 1
27
dB
Isolation 8
ISL8
f = 0.05 to 0.5 GHz
Note 2
23
27
dB
Isolation 9
ISL9
f = 0.5 to 1.0 GHz
23
27
dB
Isolation 10
ISL10
f = 1.0 to 2.0 GHz
16
19
dB
Isolation 11
ISL11
f = 2.0 to 2.5 GHz
14
17
dB
Isolation 12
ISL12
f = 2.5 to 3.0 GHz
14
17
dB
Input Return Loss 4
RLin4
f = 0.01 to 0.05 GHz
Note 1
20
dB
Input Return Loss 5
RLin5
f = 0.05 to 0.5 GHz
Note 2
15
20
dB
Input Return Loss 6
RLin6
f = 0.5 to 3.0 GHz
15
20
dB
Output Return Loss 4
RLout4
f = 0.01 to 0.05 GHz
Note 1
20
dB
Output Return Loss 5
RLout5
f = 0.05 to 0.5 GHz
Note 2
15
20
dB
Output Return Loss 6
RLout6
f = 0.5 to 3.0 GHz
15
20
dB
0.1 dB Loss Compression
Pin (0.1 dB)
f = 2.0/2.5 GHz
+19.0
+22.0
dBm
Input Power
Note 3
f = 0.5 to 3.0 GHz
+22.0
dBm
1 dB Loss Compression
Input Power
Note 4
Pin (1 dB)
f = 0.5 to 3.0 GHz
+25.0
dBm
Switch Control Current
Icont
No RF input
0.2
20
μA
Switch Control Speed
tSW
50% CTL to 90/10% RF
50
500
ns
Notes 1. DC blocking capacitors = 10 000 pF at f = 0.01 to 0.05 GHz
2. DC blocking capacitors = 1 000 pF at f = 0.05 to 0.5 GHz
3. Pin (0.1 dB) is measured the input power level when the insertion loss increases more 0.1 dB than that of
linear range.
4. Pin (1 dB) is measured the input power level when the insertion loss increases more 1 dB than that of linear
range.
Caution This device is used it is necessary to use DC blocking capacitors.
The value of DC blocking capacitors should be chosen to accommodate the frequency of
operation, bandwidth, switching speed and the condition with actual board of your system. The
range of recommended DC blocking capacitor value is less than 56 pF.
Data Sheet PG10746EJ01V0DS
4
μPG2406TK


Similar Part No. - PG2406TK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
More results

Similar Description - PG2406TK_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406T6R NEC-UPG2406T6R Datasheet
128Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
   GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com