Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857179 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 857179
Description  1090 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857179 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  857179 Datasheet HTML 1Page - TriQuint Semiconductor 857179 Datasheet HTML 2Page - TriQuint Semiconductor 857179 Datasheet HTML 3Page - TriQuint Semiconductor 857179 Datasheet HTML 4Page - TriQuint Semiconductor 857179 Datasheet HTML 5Page - TriQuint Semiconductor 857179 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
857179
1090 MHz SAW Filter
Preliminary Data Sheet: Rev A 10/08/12
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
For Military applications
Product Features
Functional Block Diagram
Top view
Usable bandwidth 10 MHz
Low Loss
Balanced operation
Matching is required for optimum performance at
50Ω
Small Size: 3.80 x 3.80 x 1.27 mm
Ceramic Surface Mount Package (SMP)
Hermetically Sealed
RoHS compliant, Pb-free
4
8
7
6
5
3
2
1
Gnd
Gnd
Gnd
Gnd
In +
In -
In -
Out +
Out -
General Description
Pin Configuration
857179 is a general purpose filter designed in a 3.8 x 3.8
mm hermetic package with low insertion loss and high
attenuation.
Pin # Balanced
Description
1
Input +
2
Input -
6
Output +
5
Output -
3,4,7,8
Case Ground
Ordering Information
Part No.
Description
857179
packaged part
857179-EVB
evaluation board
Standard T/R size = 4000 units/reel.
Pb


Similar Part No. - 857179

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857174 TRIQUINT-857174 Datasheet
598Kb / 6P
   70 MHz SAW Filter
857174-EVB TRIQUINT-857174-EVB Datasheet
598Kb / 6P
   70 MHz SAW Filter
857174 TRIQUINT-857174_15 Datasheet
598Kb / 6P
   70 MHz SAW Filter
857175 TRIQUINT-857175 Datasheet
539Kb / 6P
   70 MHz SAW Filter
857175-EVB TRIQUINT-857175-EVB Datasheet
539Kb / 6P
   70 MHz SAW Filter
More results

Similar Description - 857179

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1090EC TAI-SAW-TA1090EC Datasheet
345Kb / 6P
   SAW Filter 1090 MHz
TA0970A TAI-SAW-TA0970A Datasheet
514Kb / 7P
   SAW Filter 1090 MHz
logo
TriQuint Semiconductor
857215 TRIQUINT-857215_15 Datasheet
544Kb / 6P
   1090 MHz SAW filter
856096 TRIQUINT-856096 Datasheet
535Kb / 5P
   1090 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2003A TAI-SAW-TA2003A Datasheet
284Kb / 7P
   SAW Filter 1090 MHz
TA0970B TAI-SAW-TA0970B Datasheet
372Kb / 7P
   SAW Filter 1090 MHz
logo
API Technologies Corp
MN95016 APITECH-MN95016 Datasheet
78Kb / 3P
   1090 MHz SAW Filter 12 MHz Bandwidth
logo
TriQuint Semiconductor
856096 TRIQUINT-856096_15 Datasheet
523Kb / 6P
   1090 MHz Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0514A TAI-SAW-TC0514A Datasheet
408Kb / 6P
   SAW Resonator 1090 MHz
TC0514B TAI-SAW-TC0514B Datasheet
257Kb / 7P
   SAW Resonator 1090 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com