Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857177 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 857177
Description  140 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857177 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  857177_15 Datasheet HTML 1Page - TriQuint Semiconductor 857177_15 Datasheet HTML 2Page - TriQuint Semiconductor 857177_15 Datasheet HTML 3Page - TriQuint Semiconductor 857177_15 Datasheet HTML 4Page - TriQuint Semiconductor 857177_15 Datasheet HTML 5Page - TriQuint Semiconductor 857177_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
857177
140 MHz SAW Filter
Preliminary Data Sheet: Rev - 9/19/12
- 4 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance (at room temperature)


Similar Part No. - 857177_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857174 TRIQUINT-857174 Datasheet
598Kb / 6P
   70 MHz SAW Filter
857174-EVB TRIQUINT-857174-EVB Datasheet
598Kb / 6P
   70 MHz SAW Filter
857174 TRIQUINT-857174_15 Datasheet
598Kb / 6P
   70 MHz SAW Filter
857175 TRIQUINT-857175 Datasheet
539Kb / 6P
   70 MHz SAW Filter
857175-EVB TRIQUINT-857175-EVB Datasheet
539Kb / 6P
   70 MHz SAW Filter
More results

Similar Description - 857177_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com