Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857174 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857174
Description  70 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857174 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857174 Datasheet HTML 1Page - TriQuint Semiconductor 857174 Datasheet HTML 2Page - TriQuint Semiconductor 857174 Datasheet HTML 3Page - TriQuint Semiconductor 857174 Datasheet HTML 4Page - TriQuint Semiconductor 857174 Datasheet HTML 5Page - TriQuint Semiconductor 857174 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857174
70 MHz SAW Filter
Preliminary Data Sheet: Rev - 9/27/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -55 to +105 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
70
-
MHz
Insertion Loss
at minimum
-
-
25.5
dB
Lower 1.0 dB Bandedge
Upper 1.0 dB Bandedge
(5)
-
72.1
-
-
67.9
-
MHz
MHz
Lower 3.0 dB Bandedge
Upper 3.0 dB Bandedge
(5)
-
72.35
-
-
67.65
-
MHz
MHz
Lower 40.0 dB Bandedge
Upper 40.0 dB Bandedge
(5)
66.6
-
-
-
-
73.4
MHz
MHz
Amplitude Variation
(6)
67.9 – 72.1 MHz
-
-
1.2
dB p-p
Phase Linearity
67.9 – 72.1 MHz
-
-
7
deg p-p
Group Delay Variation
67.9 – 72.1 MHz
-
-
180
ns p-p
Relative Attenuation
10 – 58 MHz
58 – 65 MHz
75 – 82 MHz
82 – 90 MHz
90 – 120 MHz
120 – 145 MHz
145 – 200 MHz
40
34
34
45
50
45
60
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Source Impedance (single-ended)
(7)
-
-
50
-
Load Impedance (single-ended)
(7)
-
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to insertion loss at center frequency
6.
Is defined as the difference between the maximum and minimum loss within the specified frequency range
7.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-55 to +105
oC
Storage Temperature
-55 to +105
oC
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 857174

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857175 TRIQUINT-857175 Datasheet
539Kb / 6P
   70 MHz SAW Filter
857175-EVB TRIQUINT-857175-EVB Datasheet
539Kb / 6P
   70 MHz SAW Filter
857175 TRIQUINT-857175_15 Datasheet
539Kb / 6P
   70 MHz SAW Filter
857176 TRIQUINT-857176 Datasheet
555Kb / 6P
   140 MHz SAW Filter
857176-EVB TRIQUINT-857176-EVB Datasheet
555Kb / 6P
   140 MHz SAW Filter
More results

Similar Description - 857174

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855737 TRIQUINT-855737 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855740 TRIQUINT-855740 Datasheet
622Kb / 5P
   70 MHz SAW Filter
854658 TRIQUINT-854658_15 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855744 TRIQUINT-855744_15 Datasheet
459Kb / 5P
   70 MHz SAW Filter
855745 TRIQUINT-855745_15 Datasheet
667Kb / 5P
   70 MHz SAW Filter
854668 TRIQUINT-854668_15 Datasheet
449Kb / 6P
   70 MHz SAW Filter
854674 TRIQUINT-854674_15 Datasheet
559Kb / 5P
   70 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2227A MURATA-SF2227A Datasheet
542Kb / 5P
   70 MHz SAW Filter
logo
TriQuint Semiconductor
854657 TRIQUINT-854657_15 Datasheet
581Kb / 5P
   70 MHz SAW Filter
854659 TRIQUINT-854659_15 Datasheet
579Kb / 5P
   70 MHz SAW Filter
854655 TRIQUINT-854655_15 Datasheet
610Kb / 5P
   70 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com