Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-30012BX-24 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-30012BX-24
Description  3.00 Inch (76.50mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-30012BX-24 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-30012BX-24 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-24 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-24 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-24 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-30012BX-24 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
  Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Model No. FYS-30012A/BX-XX
Http://www.foryard.com
FYS-30012A/BX-XX
A
FORYARD
OPTOELECTRONICS
www.foryard.com
FORYARD
OPTOELECTRONICS
LED
PN:FYS-30012XX-XX
Qty:192 PCS
Date:xxxx/xx/xx
GW:23KG
NW:25KG
xxxxxxxxxx
RoHS
ATTENTION
PartNO:FYS-30012XX-XX
Date:xxxx/xx/xx
Q'TY:12PCS
4PCS/Foam
3Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDELABEL
QC: QC
PASS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
56.0
54.0
14
.5
RoHS


Similar Part No. - FYS-30012BX-24

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30012BX-2 FORYARD-FYS-30012BX-2 Datasheet
335Kb / 4P
   LED DIGIT DISPLAY
FYS-30012BX-2 FORYARD-FYS-30012BX-2 Datasheet
341Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-30012BX-24

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com