Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-8011BX-32 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-8011BX-32
Description  0.80 Inch (20.40mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-8011BX-32 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-8011BX-32 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8011BX-32 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8011BX-32 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8011BX-32 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-8011BX-32 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
FYS-8011A/BX-XX
A
Model No.
:FYS-8011A/BX-XX
Http://www.foryard.com


Similar Part No. - FYS-8011BX-32

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-8011BX-3 FORYARD-FYS-8011BX-3 Datasheet
323Kb / 4P
   LED DIGIT DISPLAY
FYS-8011BX-3 FORYARD-FYS-8011BX-3 Datasheet
328Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-8011BX-32

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-8011EX-00 FORYARD-FYS-8011EX-00 Datasheet
398Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8012AX-00 FORYARD-FYS-8012AX-00 Datasheet
399Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8011CX-00 FORYARD-FYS-8011CX-00 Datasheet
407Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
FYS-8012CX-00 FORYARD-FYS-8012CX-00 Datasheet
410Kb / 5P
   0.80 Inch (20.40mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-A81EGRD BRIGHT-BS-A81EGRD Datasheet
74Kb / 1P
   0.80(20.40MM)single DIGIT LED DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-8015AX-00 FORYARD-FYS-8015AX-00 Datasheet
406Kb / 5P
   0.80 Inch (20.32mm) digit height Single Digit Display
FYS-8013AX-00 FORYARD-FYS-8013AX-00 Datasheet
410Kb / 5P
   0.80 Inch (20.32mm) digit height Single Digit Display
FYS-8014EX-00 FORYARD-FYS-8014EX-00 Datasheet
402Kb / 5P
   0.80 Inch (20.20mm) digit height Single Digit Display
FYS-8016AX-00 FORYARD-FYS-8016AX-00 Datasheet
400Kb / 5P
   0.80 Inch (20.20mm) digit height Single Digit Display
FYS-8014AX-00 FORYARD-FYS-8014AX-00 Datasheet
400Kb / 5P
   0.80 Inch (20.20mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com