Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9530N Datasheet(PDF) 7 Page - International Rectifier

Part # IRF9530N
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9530N Datasheet(HTML) 7 Page - International Rectifier

  IRF9530N Datasheet HTML 1Page - International Rectifier IRF9530N Datasheet HTML 2Page - International Rectifier IRF9530N Datasheet HTML 3Page - International Rectifier IRF9530N Datasheet HTML 4Page - International Rectifier IRF9530N Datasheet HTML 5Page - International Rectifier IRF9530N Datasheet HTML 6Page - International Rectifier IRF9530N Datasheet HTML 7Page - International Rectifier IRF9530N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF9530N
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Fig 14. For P-Channel HEXFETS


Similar Part No. - IRF9530N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF9530N KERSEMI-IRF9530N Datasheet
2Mb / 7P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
   P-Channel MOSFET Transistor
logo
International Rectifier
IRF9530NL IRF-IRF9530NL Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
logo
Kersemi Electronic Co.,...
IRF9530NL KERSEMI-IRF9530NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9530NL ISC-IRF9530NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9530N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRFI520N IRF-IRFI520N Datasheet
133Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=7.6A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com