Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16435N-001-002 Datasheet(PDF) 5 Page - NEC

Part # UPD16435N-001-002
Description  DOT MATRIX LCD CONTROLLER/DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16435N-001-002 Datasheet(HTML) 5 Page - NEC

  UPD16435N-001-002 Datasheet HTML 1Page - NEC UPD16435N-001-002 Datasheet HTML 2Page - NEC UPD16435N-001-002 Datasheet HTML 3Page - NEC UPD16435N-001-002 Datasheet HTML 4Page - NEC UPD16435N-001-002 Datasheet HTML 5Page - NEC UPD16435N-001-002 Datasheet HTML 6Page - NEC UPD16435N-001-002 Datasheet HTML 7Page - NEC UPD16435N-001-002 Datasheet HTML 8Page - NEC UPD16435N-001-002 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
µPD16435, 16435A
5
Pin Name
Pin No.
V1
221
220
V2 to V5
to
217
VIN(–)
224
VIN(+)
223
VCC, GND1
232, 256
VDD, GND2
257, 222
3/5
236
C1
±, C2±,
230 to
C3
±
225
Description
LCD drive power supply pin
Internal OP-amp output
LCD drive power supply pins
Can be adjusted by addition of external resistor.
Liquid crystal drive power supply OP-amp input pins
Logic power supply, GND
Liquid crystal drive (step-up) power supply, GND
Drive voltage selection pin
“1”
→ VDD = 3 V (×4 step-up circuit selected)
“0”
→ VDD = 5 V (×2 step-up circuit selected)
A 1
µF tantalum or ceramic capacitor should be connected
externally.
Input/Output
Output
Input
Input
–––
–––
Input
–––
Output Type
–––
–––
–––
–––
–––
–––
–––
REFERENCE CLOCK
Product Name
Reference Clock
µPD16435
External input
µPD16435A
On-chip oscillation circuit (External crystal resonator)
OSC CIRCUIT (
µPD16435A)
OSC2
OSC1
4.19 MHz


Similar Part No. - UPD16435N-001-002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16435N-001-002 RENESAS-UPD16435N-001-002 Datasheet
439Kb / 38P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD16435N-001-002

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com