Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL10757EJ01V0DS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PL10757EJ01V0DS
Description  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PL10757EJ01V0DS Datasheet(HTML) 3 Page - Renesas Technology Corp

  PL10757EJ01V0DS Datasheet HTML 1Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 2Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 3Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 4Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 5Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 6Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 7Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 8Page - Renesas Technology Corp PL10757EJ01V0DS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
LASER DIODE
NX7337BJ-AA
1 310 nm InGaAsP MQW-FP LASER DIODE
COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
Document No. PL10757EJ01V0DS (1st edition)
Date Published July 2009 NS
Printed in Japan
2009
DESCRIPTION
The NX7337BJ-AA is a 1 310 nm Multiple Quantum Well (MQW)
structured Fabry-Perot (FP) laser diode coaxial module with multi mode fiber.
This module is specified to operate under pulsed condition and designed for
light source of Optical Time Domain Reflectometer (OTDR).
FEATURES
• High output power
Pf = 180 mW @ IFP = 800 mA
*1
• Long wavelength
λC = 1 310 nm
*1 Pulse Conditions: Pulse width (PW) = 10
μs, Duty = 1%


Similar Part No. - PL10757EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PL10702EJ03V0DS RENESAS-PL10702EJ03V0DS Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
PL10724EJ01V0DS RENESAS-PL10724EJ01V0DS Datasheet
201Kb / 9P
   ? 30 關m InGaAs AVALANCHE PHOTO DIODE 14-PIN DIP MODULE WITH TEC
PL10789EJ01V0DS RENESAS-PL10789EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - PL10757EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7337BJ-AA CEL-NX7337BJ-AA Datasheet
209Kb / 7P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
NX7335 CEL-NX7335 Datasheet
258Kb / 9P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7337BJ-AA RENESAS-NX7337BJ-AA_15 Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA CEL-NX7338BF-AA Datasheet
877Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA CEL-NX7339BB-AA Datasheet
882Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com