Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857144 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857144
Description  1176.45 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857144 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857144 Datasheet HTML 1Page - TriQuint Semiconductor 857144 Datasheet HTML 2Page - TriQuint Semiconductor 857144 Datasheet HTML 3Page - TriQuint Semiconductor 857144 Datasheet HTML 4Page - TriQuint Semiconductor 857144 Datasheet HTML 5Page - TriQuint Semiconductor 857144 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857144
1176.45 MHz SAW Filter
Preliminary Data Sheet: Rev A 8/21/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -55 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
1176.45
-
MHz
Maximum Insertion Loss
1175.25 – 1177.65 MHz
-
2.0
3.5
dB
Lower 4.5dB Bandedge
Upper 4.5dB Bandedge
-
1186.68
1154.06
1192.39
1166.22
-
MHZ
MHZ
Lower 21dB Bandedge
Upper 21dB Bandedge
1126.45
-
1148.84
1202.93
-
1226.45
MHZ
MHZ
Amplitude Variation
1175.25 – 1177.65 MHz
-
0.07
0.2
dB p-p
Relative Attenuation
(5)
414 – 550 MHz
1100 – 1126.45 MHz
1226.45 – 1250 MHz
1310 – 1770 MHz
20
21
21
20
39.6
33.4
38.4
37.6
-
-
-
-
dB
dB
dB
dB
Input Return Loss
1175.25 – 1177.65 MHz
10
14.5
-
dB
Output Return Loss
1175.25 – 1177.65 MHz
10
14.6
-
dB
Source Impedance (Single-ended)
(6)
-
50
-
Load Impedance (Single-ended)
(6)
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to zero dB.
6.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
(7)
-55 to +85
oC
Storage Temperature
-55 to +85
oC
Input Power
(8)
+15 dBm
7.
Device may operate over this range with degraded Electrical Specifications
8.
Device is measured for equivalent 10K hours @ +85 ºC [CW Signal]
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 857144

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857140-EVB TRIQUINT-857140-EVB Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857141 TRIQUINT-857141 Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
857141-EVB TRIQUINT-857141-EVB Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
More results

Similar Description - 857144

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857143 TRIQUINT-857143_15 Datasheet
360Kb / 6P
   1176.45 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2304A TAI-SAW-TA2304A Datasheet
458Kb / 7P
   SAW Filter 1176.45 MHz
TA2493A TAI-SAW-TA2493A Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz SMD 3.0횞3.0mm
TA2493B TAI-SAW-TA2493B Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz (BW 20.44 MHz) SMD 3.0횞3.0mm
TA2543A TAI-SAW-TA2543A Datasheet
726Kb / 8P
   SAW Filter 1176.45 MHz SMD 1.1X0.9 mm (BW=20MHz)
TE0149A TAI-SAW-TE0149A Datasheet
498Kb / 11P
   SAW Diplexer 1176.45/1585.47 MHz BW 20.46/52.84
TE0149BA1524 TAI-SAW-TE0149BA1524 Datasheet
368Kb / 11P
   SAW Diplexer 1176.45/1585.47 MHz BW 20.46/52.84 SMD 1.5x1.1 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com