Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857140 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 857140
Description  1575.42 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857140 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  857140 Datasheet HTML 1Page - TriQuint Semiconductor 857140 Datasheet HTML 2Page - TriQuint Semiconductor 857140 Datasheet HTML 3Page - TriQuint Semiconductor 857140 Datasheet HTML 4Page - TriQuint Semiconductor 857140 Datasheet HTML 5Page - TriQuint Semiconductor 857140 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
857140
1575.42 MHz SAW Filter
Preliminary Data Sheet: Rev A 8/21/12
- 3 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference Design
Schematic
50
Single-ended
Input
2,3,5
1
4
50
50
50
Single-ended
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
WWY
960568
JG
0.15
1.35
0.15
1.00
0.425
0.35
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
SMA
N/A
SMA connector
Radiall USA Inc.
9602-1111-018
PCB
N/A
3-layer
multiple
960568


Similar Part No. - 857140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857141 TRIQUINT-857141 Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
857141-EVB TRIQUINT-857141-EVB Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
857141 TRIQUINT-857141_15 Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
857142 TRIQUINT-857142 Datasheet
366Kb / 6P
   1227.6 MHz SAW Filter
857142-EVB TRIQUINT-857142-EVB Datasheet
366Kb / 6P
   1227.6 MHz SAW Filter
More results

Similar Description - 857140

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com