Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857124-EVB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 857124-EVB
Description  184.32 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857124-EVB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  857124-EVB Datasheet HTML 1Page - TriQuint Semiconductor 857124-EVB Datasheet HTML 2Page - TriQuint Semiconductor 857124-EVB Datasheet HTML 3Page - TriQuint Semiconductor 857124-EVB Datasheet HTML 4Page - TriQuint Semiconductor 857124-EVB Datasheet HTML 5Page - TriQuint Semiconductor 857124-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
857124
184.32 MHz SAW Filter
Data Sheet: Rev A 9/20/12
- 3 of 6 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Temperature Drift Specification
Temperature Drift Equations:
Temp Drift
= │
max(T
− T ) − min(T
− T )
2
Temp Drift
= │
max(T
− T
) − min(T
− T
)
2
Temperature Drift Terms Defined:
T
- Transmission power in dB measured at +25 degrees C.
T
- Transmission power in dB measured at +85 degrees C.
T
- Transmission power in dB measured at -40 degrees C.
Temperature Drift - Greater of Temp Drift
vs
Temp Drift
Reference Design – 200Ω
Ω Bal Input, 150Ω
Ω Bal Output
Schematic
200 Ω
Balanced
Input
150 Ω
Balanced
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
L1
56nH
Coil Wire-wound, 0603, 5%
Coilcraft
0603CS-56NXJBC
L2
56nH
Coil Wire-wound, 0603, 5%
Coilcraft
0603CS-56NXJBC
L3
47nH
Coil Wire-wound, 0603, 5%
Coilcraft
0603CS-47NXJBC
L4
33nH
Coil Wire-wound, 0603, 5%
Coilcraft
0603CS-33NXJBC
C1
8pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H080DCV
C2
120pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H121KCV
C3
120pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H121KCV
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
multiple
960686
1,2,3,5
7,8,9,11
200 Ω
56nH
10
4
6
33nH
150Ω
12
56nH
120pF
120pF
8pF
47nH
857124
TriQuint
JJJYHH
L2
960686
C2
L1
C1
L3
C3
L4
5.71
.99
7.21
1.34
1.34
.99
.28
.28


Similar Part No. - 857124-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857139 TRIQUINT-857139 Datasheet
357Kb / 6P
   1575.42 MHz SAW Filter
857139-EVB TRIQUINT-857139-EVB Datasheet
357Kb / 6P
   1575.42 MHz SAW Filter
857139 TRIQUINT-857139_15 Datasheet
357Kb / 6P
   1575.42 MHz SAW Filter
857140 TRIQUINT-857140 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857140-EVB TRIQUINT-857140-EVB Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
More results

Similar Description - 857124-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2223D RFM-SF2223D Datasheet
243Kb / 7P
   184.32 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2223D MURATA-SF2223D Datasheet
243Kb / 7P
   184.32 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com