Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THDD-5A Datasheet(PDF) 1 Page - Topstek Inc.

Part # THDD-5A
Description  Highly reliable Hall Effect device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

THDD-5A Datasheet(HTML) 1 Page - Topstek Inc.

  THDD-5A Datasheet HTML 1Page - Topstek Inc. THDD-5A Datasheet HTML 2Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Topstek Current Transducer THDD5A .. THDD50A
- 45 -
www.topstek.com
THDD
V080730
7/30/2008
THDD 5A~50A
Features
iHighly reliable Hall Effect device
iCompact and light weight. Two sensors in one package
iFast response time
iExcellent linearity of the output voltage over a wide input range
iExcellent frequency response (> 50 kHz)
iLow power consumption (33 mA nominal)
iCapable of measuring both DC and AC, both pulsed and mixed
iHigh isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
iExtended operating temperature range
iFlame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
iUPS systems
iIndustrial robots
iNC tooling machines
iElevator controllers
iProcess control devices
iAC and DC servo systems
iMotor speed controller
iElectrical vehicle controllers
iInverter-controlled welding machines
iGeneral and special purpose inverters
iPower supply for laser processing machines
iController for traction equipment e.g. electric trains
iOther automatic control systems
Specifications
Parameter
Symbol Unit
3A
5A
7.5A
10A
15A 18.5A 20A
25A
30A 37.5A 50A
Nominal Input Current
Ifn
A DC
3
5
7.5
10
15
18.5
20
25
30
37.5
50
Linear Range
Ifs
A DC
±9
±15
±22.5
±30
±45
±56
±60
±75
±90
±113
±150
Primary Wire Diameter
d
mm
0.6
0.8
1.0
1.2
1.6
1.6
1.6
1.6
1.6
1.6x2 1.6x2
Nominal Output Voltage
Vhn
V
4 V±1% @ If=Ifn ( RL=10k)
Offset Voltage
Vos
mV
Within ±40 mV @ If=0, Ta=25°C
Output Resistance
ROUT
<100(50 nominal)
Hysteresis Error
Voh
mV
Within ±35 mV @ If=Ifn
0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±33 mA nominal, ±45 mA max
Response Time (90%Vhn)
Tr
Psec
3
Psec max. @ d If /dt = Ifn / Psec
Response Performance
-
%
10% Overshoot max.
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of
Zero Current Offset
-
mV/°C
< ±2 mV/°C
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
M
>1000 M
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
26 g


Similar Part No. - THDD-5A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
THDD10A TOPSTEK-THDD10A Datasheet
92Kb / 2P
   Topstek Current Transducer
THDD15A TOPSTEK-THDD15A Datasheet
92Kb / 2P
   Topstek Current Transducer
THDD18.5A TOPSTEK-THDD18.5A Datasheet
92Kb / 2P
   Topstek Current Transducer
THDD20A TOPSTEK-THDD20A Datasheet
92Kb / 2P
   Topstek Current Transducer
THDD25A TOPSTEK-THDD25A Datasheet
92Kb / 2P
   Topstek Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com