Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU60K Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU60K
Description  SmartOnline 120-208V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU60K Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU60K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU60K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU60K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU60K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU60K Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
125A (per phase, online)
Nominal Input Voltage(s) Supported
120/208V AC (3ph wye)
Nominal Input Voltage Description
3-Phase Wye, 4 wire (L1, L2, L3, N, G)
UPS Input Connection Type
Hardwire
Input Phase
3-Phase
BATTERY
Expandable Battery Runtime
Battery set sold separate
External Battery Pack Compatibility
BP480V103 ; BP480V140 ; BP480V26B ; BP480V40C ; BP480V55 ; BP480V78 ; BP480V200 ; BP480V300 ;
BP480V400 ; BP480V500
Expandable Runtime Description
External battery pack wiring is contractor supplied
DC System Voltage (VDC)
+/- 240VDC
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90%
Battery Replacement Description
Hot-swappable, replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Online, double-conversion power conditioning
Overvoltage Correction
Maintains continuous operation without using battery power during overvoltages to 150 / 260 (3-Phase, 4-Wire,
wye), reducing output within 1% of nominal
Undervoltage Correction
Maintains continuous operation without using battery power during brownout / undervoltage conditions to 94 / 163
(3-Phase, 4-Wire, wye)
USER INTERFACE, ALERTS & CONTROLS
Switches
ON button turns UPS's inverter ON. OFF button turns UPS's inverter OFF. LCD Display Control Buttons browses
through and selects items displayed on LCD screen. Emergency Power Off button turns UPS output OFF and
disables Bypass output. Manual Bypass breaker bypasses the UPS's inverter during maintenance.
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Alarms warn against a variety of operational conditions: low-battery, overload, shutdown, bypass and more
LED Indicators
4-LED Display: Displays normal AC input, on battery power, bypass input and fault conditions
SURGE / NOISE SUPPRESSION
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
4675
AC Suppression Response Time
Instantaneous
3 / 5


Similar Part No. - SU60K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU60KMBPKX TRIPPLITE-SU60KMBPKX Datasheet
505Kb / 2P
   3 Breaker Maintenance Bypass Panel for SU60KX, SU60KTV
SU60KTV TRIPPLITE-SU60KTV Datasheet
503Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60KX TRIPPLITE-SU60KX Datasheet
506Kb / 5P
   SmartOnline 60kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
More results

Similar Description - SU60K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU80K TRIPPLITE-SU80K Datasheet
500Kb / 5P
   SmartOnline 120-208V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60KTV TRIPPLITE-SU60KTV Datasheet
503Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU80KTV TRIPPLITE-SU80KTV Datasheet
500Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU40K TRIPPLITE-SU40K Datasheet
503Kb / 5P
   SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion UPS for North America
SU60KX TRIPPLITE-SU60KX Datasheet
506Kb / 5P
   SmartOnline 60kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU100KX2 TRIPPLITE-SU100KX2 Datasheet
502Kb / 5P
   SmartOnline 100kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU120KX2 TRIPPLITE-SU120KX2 Datasheet
496Kb / 5P
   SmartOnline 120kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU40KX TRIPPLITE-SU40KX Datasheet
506Kb / 5P
   SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU80KX2 TRIPPLITE-SU80KX2 Datasheet
503Kb / 5P
   SmartOnline 80kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS (expandable to 120kVA)
SVX60KL TRIPPLITE-SVX60KL Datasheet
181Kb / 6P
   SmartOnline SVX Series 60kVA Modular, Scalable 3-Phase, On-line Double-Conversion 400/230V 50/60Hz UPS System
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com