Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856731-EVB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856731-EVB
Description  192 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856731-EVB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856731-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 6Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 7Page - TriQuint Semiconductor 856731-EVB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
856731
192 MHz SAW Filter
Data Sheet: Rev A 12/08/11
- 6 of 8 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance SE/BAL (at room temperature)


Similar Part No. - 856731-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856738 TRIQUINT-856738 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856738-EVB TRIQUINT-856738-EVB Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856738 TRIQUINT-856738_15 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
More results

Similar Description - 856731-EVB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1131A TAI-SAW-TB1131A Datasheet
111Kb / 7P
   192 MHz 60MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com