Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU10KRT31X Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SU10KRT31X
Description  SmartOnline 3-Phase In-1-Phase Out 200-240V 10kVA 7kW On-Line, Double-Conversion UPS,Extended Run, SNMP, Webcard pre-installed, 6U Rack-Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU10KRT31X Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SU10KRT31X Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU10KRT31X Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU10KRT31X Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU10KRT31X Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU10KRT31X Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Weight (lbs.)
61.7
UPS Power Module Weight (kg)
28
Included Battery Pack Dimensions
(hwd / in.)
5.3 x 17.3 x 26.8
Included Battery Pack Dimensions
(hwd / cm)
13.5 x 43.9 x 68.1
Included Battery Pack Weight (lbs.)
143.5
Included Battery Pack Weight (kg)
65.1
UPS Shipping Dimensions (hwd / in.)
46.5 x 22.3 x 33.1
UPS Shipping Dimensions (hwd /
cm)
118.1 x 56.6 x 84.1
Shipping Weight (lbs.)
218.5
Shipping Weight (kg)
99.2
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
1800
Battery Mode BTU / Hr. (Full Load)
1800
AC Mode Efficiency Rating (100%
Load)
91%
Audible Noise
< 50dba @ 1m
COMMUNICATIONS
Communications Interface
DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
SNMP card is pre-installed
Communications Cable
DB9 cabling included
LINE / BATTERY TRANSFER
Transfer Time
No transfer time (0 ms.) in online, double-conversion mode
Low Voltage Transfer to Battery
Power (Setpoint)
305
High Voltage Transfer to Battery
Power (Setpoint)
485
SPECIAL FEATURES
4 / 5


Similar Part No. - SU10KRT31X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU10KRT3U ETC2-SU10KRT3U Datasheet
560Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 9U Rack/Tower, 208/120V or 240/120V Hardwire output
SU10KRT3UHV ETC2-SU10KRT3UHV Datasheet
542Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 6U Rack/Tower, 200-240V Hardwire output
logo
Tripp Lite. All Rights ...
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV Datasheet
180Kb / 7P
   SmartOnline 200-240V 10kVA 9kW Double-Conversion UPS, 6U, Extended Run, Network Card Slot, USB, DB9, Switch, Hardwire
SU10KRT3UHV TRIPPLITE-SU10KRT3UHV_15 Datasheet
538Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U, Hardwired, Bypass Switch
SU10KRT3U TRIPPLITE-SU10KRT3U_15 Datasheet
555Kb / 6P
   SmartOnline 240-120V or 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U, USB, DB9 Serial, Hardwire
More results

Similar Description - SU10KRT31X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
SU10000RT3UG TRIPPLITE-SU10000RT3UG Datasheet
550Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, C19 Outlets
SU6000RT3UHV TRIPPLITE-SU6000RT3UHV_15 Datasheet
527Kb / 6P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
SU6000RT3UHVXL TRIPPLITE-SU6000RT3UHVXL Datasheet
522Kb / 5P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
SU8000RT3U TRIPPLITE-SU8000RT3U_15 Datasheet
533Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial, Bypass Switch
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1500RTXL2UA TRIPPLITE-SUINT1500RTXL2UA Datasheet
491Kb / 5P
   SmartOnline 200-240V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT3000RTXL2U TRIPPLITE-SUINT3000RTXL2U Datasheet
495Kb / 6P
   SmartOnline 200-240V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU5000RT4UHV TRIPPLITE-SU5000RT4UHV Datasheet
505Kb / 6P
   SmartOnline 200-240V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com