Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8108 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC8108
Description  85m廓 High Function Power Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8108 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC8108 Datasheet HTML 7Page - Torex Semiconductor XC8108 Datasheet HTML 8Page - Torex Semiconductor XC8108 Datasheet HTML 9Page - Torex Semiconductor XC8108 Datasheet HTML 10Page - Torex Semiconductor XC8108 Datasheet HTML 11Page - Torex Semiconductor XC8108 Datasheet HTML 12Page - Torex Semiconductor XC8108 Datasheet HTML 13Page - Torex Semiconductor XC8108 Datasheet HTML 14Page - Torex Semiconductor XC8108 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
XC8108
Series
OPERATIONAL EXPLANATION (Continued)
<Current limit external adjustment function> (Continued)
Fig1. Current limit set value
XC8108 電流制限設定値 - 外部抵抗値
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
0
5
10
15
20
25
30
35
40
RILIM (kΩ) : 外部抵抗値
<Reverse current prevention>
An internal circuit is built in that prevents reverse current from the VOUT pin to the VIN pin.
When the difference between input voltage and VOUT pin voltage is higher than the detect voltage set internally, the reverse
current prevention circuit activates, and the power switch transistor turns off, then the reverse current from the VOUT pin to the
VIN pin is reduced to 0.1μA (TYP.).
If the reverse-voltage state lasts for 4ms (TYP.), the FLG pin changes to Low level output.
Two types are available for the reverse current prevention circuit: the auto recovery type (product type C) and the latch off
type (product type D). After the reverse current prevention circuit activates and the FLG pin outputs low level, the operation is
different between these two types.
On the auto recovery type, when the output voltage drops below the input voltage, the reverse current prevention circuit stops
immediately, and the power switch transistor turns on again. If the output voltage remains lower than the input voltage for 4ms
(TYP.), the FLG pin returns to High level output.
On the latch off type, the power switch transistor remains in the off state even if the reverse voltage state is released.
Latch operation is released by turning off the IC with the CE pin signal and then restarting, or by lowering the input voltage
below the UVLO detected voltage once and after that raising it higher than UVLO released voltage.
XC8108 Current limit set value vs. External resistor
RILIM (kΩ): External resistor


Similar Part No. - XC8108

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108AC20ER-G TOREX-XC8108AC20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108AD20ER-G TOREX-XC8108AD20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108BC20ER-G TOREX-XC8108BC20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108BD20ER-G TOREX-XC8108BD20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
More results

Similar Description - XC8108

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8109 TOREX-XC8109 Datasheet
678Kb / 26P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107_13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com