Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6602 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6602
Description  1A, 0.5V Low Input Voltage, High Speed LDO Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6602 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6602 Datasheet HTML 1Page - Torex Semiconductor XC6602 Datasheet HTML 2Page - Torex Semiconductor XC6602 Datasheet HTML 3Page - Torex Semiconductor XC6602 Datasheet HTML 4Page - Torex Semiconductor XC6602 Datasheet HTML 5Page - Torex Semiconductor XC6602 Datasheet HTML 6Page - Torex Semiconductor XC6602 Datasheet HTML 7Page - Torex Semiconductor XC6602 Datasheet HTML 8Page - Torex Semiconductor XC6602 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
XC6602
Series
Type A
Type B
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
BLOCK DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Bias Voltage
VBIAS
VSS-0.3~VSS +6.5
V
Input Voltage
VIN
VSS-0.3~VSS +6.5
V
Output Current
IOUT
1.65
(*1)
A
VSS-0.3~VBIAS+0.3≦VSS+6.5
V
Output Voltage
VOUT
VSS-0.3~VIN+0.3≦VSS+6.5
V
CE Input Voltage
VCE
VSS-0.3~VSS+6.5
V
120
USP-6C
1000 ( PCB mounted )
(*2)
250
SOT-26W
600 ( PCB mounted )
(*2)
Power Dissipation
Pd
mW
500
SOT-89-5
1300 ( PCB mounted )
(*2)
750 ( PCB mounted )
(*2)
WLP-5-02
Topr
-40~+85
Operating Ambient Temperature
Tstg
-55~+125
Storage Temperature
(*1) IOUT≦Pd/(VIN-VOUT
(*2) The power dissipation measured with the test board condition is listed as reference data.
Please refer to page 25~28 for details.


Similar Part No. - XC6602

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601 Datasheet
701Kb / 33P
   Low Voltage Input LDO Voltage Regulator with Soft-Start Function
XC6601A071EL TOREX-XC6601A071EL Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6602

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6603 TOREX-XC6603 Datasheet
927Kb / 29P
   1A, 0.5V Low Input Voltage, High Speed LDO Regulator
XC6604 TOREX-XC6604 Datasheet
899Kb / 30P
   0.5V Low Input, 1A High Speed LDO Regulator with Adjustable Current Limit
logo
AiT Semiconductor Inc.
A6110C AITSEMI-A6110C Datasheet
684Kb / 10P
   CMOS LOW DROPOUT REGULATOR (LDO) 1A HIGH SPEED LOW NOISE
REV1.0
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Asahi Kasei Microsystem...
AP1155ADU AKM-AP1155ADU Datasheet
737Kb / 23P
   15V Input / 1A Output Adjustable Voltage LDO Regulator
logo
Micrel Semiconductor
MIC47100 MICREL-MIC47100 Datasheet
754Kb / 13P
   1A High Speed Low VIN LDO
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
   1A LOW VOLTAGE U CAP LDO REGULATOR
logo
Microchip Technology
MCP1726 MICROCHIP-MCP1726_14 Datasheet
682Kb / 32P
   1A, Low-Voltage, Low Quiescent Current LDO Regulator
03/25/14
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com