Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6505 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6505
Description  Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6505 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6505 Datasheet HTML 6Page - Torex Semiconductor XC6505 Datasheet HTML 7Page - Torex Semiconductor XC6505 Datasheet HTML 8Page - Torex Semiconductor XC6505 Datasheet HTML 9Page - Torex Semiconductor XC6505 Datasheet HTML 10Page - Torex Semiconductor XC6505 Datasheet HTML 11Page - Torex Semiconductor XC6505 Datasheet HTML 12Page - Torex Semiconductor XC6505 Datasheet HTML 13Page - Torex Semiconductor XC6505 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
XC6505 Series
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
V
IN = 9.0V
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
Ta=25℃
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
Ta=25℃
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
Ta=25℃
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
Ta=25℃
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
Ta=25℃
C
IN = 1.0μF (ceramic), CL = 2.2μF (ceramic)
10/24
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6505x801
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
50 100 150 200 250 300 350 400
Output Current: IOUT [mA]
XC6505x801
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
50 100 150 200 250 300 350 400
Output Current: IOUT [mA]
Ta=-40℃
V
IN = 8.5V
V
IN = 9.0V
Ta=25℃
Ta=105℃
XC6505x331
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.8
5.1
6.5
7.8
9.2
10.5
Input Voltage: VIN [V]
XC6505x151
1.48
1.49
1.50
1.51
1.52
2.0
3.7
5.4
7.1
8.8
10.5
Input Voltage: VIN [V]
XC6505x151
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0
2.1
4.2
6.3
8.4
10.5
Input Voltage: VIN [V]
I
OUT = 10mA
I
OUT = 10mA
I
OUT = 30mA
I
OUT = 30mA
I
OUT = 100mA
I
OUT = 100mA
XC6505x331
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0.0
2.1
4.2
6.3
8.4
10.5
Input Voltage: VIN [V]
I
OUT = 10mA
I
OUT = 10mA
I
OUT = 30mA
I
OUT = 30mA
I
OUT = 100mA
I
OUT = 100mA


Similar Part No. - XC6505

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6505

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
   10V Input, 200mA Low Consumption Current Regulator
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
   200mA Low Consumption Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
   200mA Low Consumption Linear Regulator
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
   200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
   200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com