Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6190 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6190
Description  Push Button Reboot Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6190 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6190 Datasheet HTML 7Page - Torex Semiconductor XC6190 Datasheet HTML 8Page - Torex Semiconductor XC6190 Datasheet HTML 9Page - Torex Semiconductor XC6190 Datasheet HTML 10Page - Torex Semiconductor XC6190 Datasheet HTML 11Page - Torex Semiconductor XC6190 Datasheet HTML 12Page - Torex Semiconductor XC6190 Datasheet HTML 13Page - Torex Semiconductor XC6190 Datasheet HTML 14Page - Torex Semiconductor XC6190 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
XC6190
Series
OPERATION EXPLANATION
The XC6190 series supplies a reboot signal (TRSTB below) to the system by inputting “L” voltage into the SW1, SW2 pins for
the set time (reboot delay time) using two switches (buttons)
On the XC6190AN15xx and XC6190AC15xx, a reboot delay time (TDL below) is set by connecting a resistance (RT below)
to the RT pin.
TDL is determined by the following calculation formula:
RT(kΩ) = { TDL(s) – 0.097 } / 0.062015 * Can be set within the range 1s to 20s.
e.g.) When TDL=12.5s, RT=200kΩ
On the XC6190BN25xx and XC6190BC25xx, TDL is determined by the internal circuitry. When the TS pin is shorted to VIN,
TDL = 12.5s (TYP.), and when the TS pin is shorted to GND, TDL = 7.5s(TYP.).
Even if the TS pin voltage changes from VIN to GND while “L” voltage is input to the SW1 pin and SW2 pin, the value set
prior to the change is maintained.
Details of each circuit part are as follows.
<SW1 pin, SW2 pin>
By inputting “L” voltage into both of these pins during the TDL interval, the reboot signal is output from the RSTB pin.
Both pins are pulled up to VIN by internal resistances, and thus the pin voltage when OPEN is VIN level.
The UVLO circuit is activated by inputting “L” voltage into both the SW1 pin and SW2 pin.
<RT pin: Type A>
RT is connected to this pin to set TDL.
<TS pin: Type B>
This pin is used to set TDL. When the TS pin is shorted to VIN, TDL is set to TDL = 12.5s(TYP.). When the TS pin is shorted
to GND, TDL is set to TDL = 7.5s (TYP.).
Even if the TS pin voltage is changed after “L” voltage is input into both the SW1 and SW2 pins and the internal circuit
starts operation, the value set prior to the change is maintained.
Fig.1_XC6190 Timing Chart
VRSTB
VSW1
PUSH BUTTON
VIN
VUVLOR
TDL
TRSTB
0V
0V
Lower than VUVLOR
(Standby mode)
TDL
VSW2
TDL
TDL
TDL
TDL
TRSTB
PUSH BUTTON
VUVLO
TDL
PUSH BUTTON
TDL
PUSH BUTTON
Lower than VUVLO.
(Standby mode)
PUSH BUTTON
PUSH BUTTON
PUSH BUTTON
0V
0V
(Note) The following products are under development.
XC6190AC158R-G


Similar Part No. - XC6190

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
More results

Similar Description - XC6190

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
   Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
   Push Button
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
   Push Button
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com