Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2408 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC2408
Description  1.6GHz ON/OFF Function LNA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2408 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC2408 Datasheet HTML 4Page - Torex Semiconductor XC2408 Datasheet HTML 5Page - Torex Semiconductor XC2408 Datasheet HTML 6Page - Torex Semiconductor XC2408 Datasheet HTML 7Page - Torex Semiconductor XC2408 Datasheet HTML 8Page - Torex Semiconductor XC2408 Datasheet HTML 9Page - Torex Semiconductor XC2408 Datasheet HTML 10Page - Torex Semiconductor XC2408 Datasheet HTML 11Page - Torex Semiconductor XC2408 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8/18
XC2408A816UR-G
■TEST CIRCUITS (Continued)
●Circuit ④ (Input Power IP3, Input Power IP2)
●Circuit ⑤ (XC2408 series, the circuit of the block)
VDD [V] (TYP.)
RBIAS [Ω]
3.45
360
3.00
270
2.85
240
1.80
92
* RBIAS should be used in ±1% tolerance and ±200ppm/℃ temperature stability.
(*1) Refer to the circuit ⑤ for the block detail.


Similar Part No. - XC2408

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2408-12 TOREX-XC2408-12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
455Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_15 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
More results

Similar Description - XC2408

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2407 TOREX-XC2407 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_15 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_15 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408-12 TOREX-XC2408-12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com