Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC62G
Description  CMOS Low Power Consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC62G Datasheet HTML 2Page - Torex Semiconductor XC62G Datasheet HTML 3Page - Torex Semiconductor XC62G Datasheet HTML 4Page - Torex Semiconductor XC62G Datasheet HTML 5Page - Torex Semiconductor XC62G Datasheet HTML 6Page - Torex Semiconductor XC62G Datasheet HTML 7Page - Torex Semiconductor XC62G Datasheet HTML 8Page - Torex Semiconductor XC62G Datasheet HTML 9Page - Torex Semiconductor XC62G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
XC62G Series
Positive Voltage Regulators (Output On/Off)
72
w
(3) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
4.7
4.8
4.9
5.0
5.1
0
20
40
60
80
100 120 140 160 180
OUTPUT CURRENT:IOUT(mA)
XC62GR5012 (5V)
VIN=6V
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
2.7
2.8
2.9
3.0
3.1
0
20
40
60
80
100 120 140 160 180
OUTPUT CURRENT:IOUT(mA)
XC62GR3012 (3V)
VIN=4V
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
4.2
4.4
4.6
4.8
5.0
5.2
4.5
5
5.5
INPUT VOLTAGE:VIN(V)
XC62GR5012 (5V)
Topr=25:
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
4.85
4.90
4.95
5.00
5.05
5.10
58
9
67
10
INPUT VOLTAGE:VIN(V)
XC62GR5012 (5V)
Topr=25:
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
2.2
2.4
2.6
2.8
3.0
3.2
2.5
3
3.5
INPUT VOLTAGE:VIN(V)
XC62GR3012 (3V)
Topr=25:
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
2.85
2.90
2.95
3.00
3.05
3.10
3456789
10
INPUT VOLTAGE:VIN(V)
XC62GR3012 (3V)
Topr=25:
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
Topr=25℃
0.0
0.4
0.2
0.6
0.8
1.0
0
20
40
60
80
100 120 140 160 180
OUTPUT CURRENT:IOUT(mA)
XC62GR5012 (5V)
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
0.0
0.4
0.2
0.6
0.8
1.0
0
20
40
60
80
100 120 140 160 180
OUTPUT CURRENT:IOUT(mA)
XC62GR3012 (3V)
CIN=4.7
µF(Tantalum), CL=10µF(Tantalum)
−30℃
80℃
Topr=25℃
80℃
−30℃
IOUT=1mA
10mA
40mA
IOUT=1mA,10mA
40mA
IOUT=1mA
40mA
10mA
IOUT=1mA,10mA
40mA
Topr=25℃
80℃
−30℃
Topr=25℃
80℃
−30℃


Similar Part No. - XC62G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62GP3011ML TOREX-XC62GP3011ML Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3011MR TOREX-XC62GP3011MR Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3011PL TOREX-XC62GP3011PL Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3011PR TOREX-XC62GP3011PR Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3012ML TOREX-XC62GP3012ML Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
More results

Similar Description - XC62G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com