Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC62G
Description  CMOS Low Power Consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC62G Datasheet HTML 3Page - Torex Semiconductor XC62G Datasheet HTML 4Page - Torex Semiconductor XC62G Datasheet HTML 5Page - Torex Semiconductor XC62G Datasheet HTML 6Page - Torex Semiconductor XC62G Datasheet HTML 7Page - Torex Semiconductor XC62G Datasheet HTML 8Page - Torex Semiconductor XC62G Datasheet HTML 9Page - Torex Semiconductor XC62G Datasheet HTML 10Page - Torex Semiconductor XC62G Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
XC62G Series
Positive Voltage Regulators (Output On/Off)
76
w
(9) INPUT TRANSIENT RESPONSE 2 (CONTINUED)
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time (1 msec/div)
XC62GR3012
(3V)
IOUT=1mA, CL=10
µF(Tantalum)
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time (1 msec/div)
XC62GR3012
(3V)
IOUT=10mA, CL=10
µF(Tantalum)
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time (1 msec/div)
XC62GR3022
(3V HIGH SPEED)
IOUT=1mA, CL=10
µF(Tantalum)
0
1
2
4
3
5
6
2.90
2.95
3.00
3.05
3.10
3.15
3.20
Time (1 msec/div)
XC62GR3022
(3V HIGH SPEED)
IOUT=10mA, CL=10
µF(Tantalum)
(10) LOAD TRANSIENT RESPONSE
4.6
4.7
4.8
5.0
4.9
5.1
5.2
0
40
80
120
160
200
240
Time (2 msec/div)
XC62GR5012
(5V)
VIN=6V, CL=10
µF(Tantalum)
40mA
1mA
4.6
4.7
4.8
5.0
4.9
5.1
5.2
0
40
80
120
160
200
240
Time (2 msec/div)
XC62GR5022
(5V HIGH SPEED)
VIN=6V, CL=10
µF(Tantalum)
40mA
1mA
40mA
1mA
2.6
2.7
2.8
3.0
2.9
3.1
3.2
0
40
80
120
160
200
240
Time (2 msec/div)
XC62GR3012
(3V)
VIN=4V, CL=10
µF(Tantalum)
40mA
1mA
2.60
2.70
2.80
3.00
2.90
3.10
3.20
0
40
80
120
160
200
240
Time (2 msec/div)
XC62GR3022
(3V HIGH SPEED)
VIN=4V, CL=10
µF(Tantalum)
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Input Voltage
Output Voltage
Output Voltage
Output Voltage
Output Voltage
Output Voltage
Output Voltage
Output Voltage


Similar Part No. - XC62G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62GP3011ML TOREX-XC62GP3011ML Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3011MR TOREX-XC62GP3011MR Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3011PL TOREX-XC62GP3011PL Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3011PR TOREX-XC62GP3011PR Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
XC62GP3012ML TOREX-XC62GP3012ML Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
More results

Similar Description - XC62G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com