Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-12011DX-30 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-12011DX-30
Description  1.20 Inch (30.60mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-12011DX-30 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-12011DX-30 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-12011DX-30 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-12011DX-30 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-12011DX-30 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-12011DX-30 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Model No.
:FYS-12011C/DX-XX
Http://www.foryard.com
FYS-12011C/DX-XX
A
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYS-12011XX-XX
Qty: 1920 PCS
Date:xxxx/xx/xx
GW: 19.66KG
NW: 22.22KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYS-12011XX-XX
Date:xxxx/xx/xx
Q'TY: 120 PCS
30PCS/Foam
4Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYS-12011DX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-12011DX-3 FORYARD-FYS-12011DX-3 Datasheet
320Kb / 4P
   LED DIGIT DISPLAY
FYS-12011DX-3 FORYARD-FYS-12011DX-3 Datasheet
325Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-12011DX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-12012AX-00 FORYARD-FYS-12012AX-00 Datasheet
409Kb / 5P
   1.20 Inch (30.50mm) digit height Single Digit Display
logo
LightKey Optoelectronic...
LD12011ABRG LIGHTKEY-LD12011ABRG Datasheet
92Kb / 3P
   1.20 inch Single Digit 7 Segment LED Display
logo
Lucky Light Electronic
KW1-1201 LUCKY-LIGHT-KW1-1201 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.20)
KW1-1202 LUCKY-LIGHT-KW1-1202 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.20")
logo
Lite-On Technology Corp...
LSHD-F101 LITEON-LSHD-F101 Datasheet
124Kb / 5P
   0.39 inch (10.0mm) digit height single-digit display
logo
Ningbo Foryard Optoelec...
FYS-3011AX-00 FORYARD-FYS-3011AX-00 Datasheet
408Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3011EX-00 FORYARD-FYS-3011EX-00 Datasheet
411Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3211AX-00 FORYARD-FYS-3211AX-00 Datasheet
407Kb / 5P
   0.32 Inch (8.00mm) digit height Single Digit Display
FYS-40011GX-00 FORYARD-FYS-40011GX-00 Datasheet
423Kb / 5P
   4.00 Inch (101.60mm) digit height Single Digit Display
FYS-5211AX-00 FORYARD-FYS-5211AX-00 Datasheet
389Kb / 5P
   0.52 Inch (13.20mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com