Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-15012AX-34 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-15012AX-34
Description  1.50 Inch (38.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-15012AX-34 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-15012AX-34 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-15012AX-34 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-15012AX-34 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-15012AX-34 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-15012AX-34 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.51[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
Color
Number
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
FYS-15012A/BX-XX
B
Http://www.foryard.com
0
Model No.
:FYS-15012A/BX-XX
○ Water Clear


Similar Part No. - FYS-15012AX-34

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-15012AX-3 FORYARD-FYS-15012AX-3 Datasheet
330Kb / 4P
   LED DIGIT DISPLAY
FYS-15012AX-3 FORYARD-FYS-15012AX-3 Datasheet
335Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-15012AX-34

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-15011CX-00 FORYARD-FYS-15011CX-00 Datasheet
404Kb / 5P
   1.50 Inch (38.10mm) digit height Single Digit Display
FYS-15011AX-00 FORYARD-FYS-15011AX-00 Datasheet
400Kb / 5P
   1.50 Inch (38.10mm) digit height Single Digit Display
FYS-15013AX-00 FORYARD-FYS-15013AX-00 Datasheet
395Kb / 5P
   1.50 Inch (38.10mm) digit height Single Digit Display
FYS-15011AX-00 FORYARD-FYS-15011AX-00 Datasheet
398Kb / 5P
   1.50 Inch (38.10mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AB4EGRD BRIGHT-BS-AB4EGRD Datasheet
222Kb / 3P
   38.00mm (1.50) high single digit seven segments display
BS-AB5EGRD BRIGHT-BS-AB5EGRD Datasheet
300Kb / 3P
   38.00mm (1.50) high single digit seven segments display
BS-CB5EGRD BRIGHT-BS-CB5EGRD Datasheet
299Kb / 3P
   38.00mm (1.50) high single digit seven segments display
logo
LightKey Optoelectronic...
LD15011AB LIGHTKEY-LD15011AB Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
logo
Lucky Light Electronic
KW1-1502 LUCKY-LIGHT-KW1-1502 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.50")
KW1-1501 LUCKY-LIGHT-KW1-1501 Datasheet
47Kb / 1P
   LED Numeric Display Single Digit (1.50")
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com