Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-10012BX-30 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-10012BX-30
Description  1.00 Inch (25.40mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-10012BX-30 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-10012BX-30 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-10012BX-30 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-10012BX-30 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-10012BX-30 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-10012BX-30 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
FYS-10012A/BX-XX
A
Model No.
:FYS-10012A/BX-XX
Http://www.foryard.com


Similar Part No. - FYS-10012BX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-10012BX-3 FORYARD-FYS-10012BX-3 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYS-10012BX-3 FORYARD-FYS-10012BX-3 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-10012BX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-10012EX-00 FORYARD-FYS-10012EX-00 Datasheet
404Kb / 5P
   1.00 Inch (25.40mm) digit height Single Digit Display
FYS-10015AX-00 FORYARD-FYS-10015AX-00 Datasheet
388Kb / 5P
   1.00 Inch (25.40mm) digit height Single Digit Display
FYS-10012CX-00 FORYARD-FYS-10012CX-00 Datasheet
400Kb / 5P
   1.00 Inch (25.40mm) digit height Single Digit Display
FYS-10014AX-00 FORYARD-FYS-10014AX-00 Datasheet
412Kb / 5P
   1.00 Inch (25.40mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-CA34RD BRIGHT-BS-CA34RD Datasheet
137Kb / 3P
   1.00(25.40MM)single DIGIT LED DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-10011AX-00 FORYARD-FYS-10011AX-00 Datasheet
406Kb / 5P
   1.00 Inch (26.00mm) digit height Single Digit Display
FYS-10013AX-00 FORYARD-FYS-10013AX-00 Datasheet
401Kb / 5P
   1.00 Inch (25.58mm) digit height Single Digit Display
FYS-10011CX-00 FORYARD-FYS-10011CX-00 Datasheet
405Kb / 5P
   1.00 Inch (26.00mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1001G-A PARALIGHT-A-1001G-A Datasheet
195Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001G PARALIGHT-C-1001G Datasheet
223Kb / 11P
   1.00 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com