Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-4011BX-02 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-4011BX-02
Description  0.40 Inch (10.16mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-4011BX-02 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-4011BX-02 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4011BX-02 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4011BX-02 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4011BX-02 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4011BX-02 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/5
PRODUCT SPECIFICATION
Model No.
:FYS-4011A/BX-XX
FYS-4011A/BX-XX
A
Descriptions & Features:
■0.40 Inch (10.16mm) digit height Single Digit Display
■Case mold type.
CHECKED BY
APPROVED BY
CUSTOMER APPROVED
SIGNATURES
PREPARED BY
■RoHS compliant.
■Low current operation
■Low power consumption.
Http://www.foryard.com
■Easy mounting on P.C. board or socket.


Similar Part No. - FYS-4011BX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-4011BX-0 FORYARD-FYS-4011BX-0 Datasheet
324Kb / 4P
   LED DIGIT DISPLAY
FYS-4011BX-0 FORYARD-FYS-4011BX-0 Datasheet
329Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-4011BX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-4011CX-00 FORYARD-FYS-4011CX-00 Datasheet
396Kb / 5P
   0.40 Inch (10.16mm) digit height Single Digit Display
FYS-4011EX-00 FORYARD-FYS-4011EX-00 Datasheet
397Kb / 5P
   0.40 Inch (10.16mm) digit height Single Digit Display
FYS-4013AX-00 FORYARD-FYS-4013AX-00 Datasheet
391Kb / 5P
   0.40 Inch (10.16mm) digit height Single Digit Display
FYS-4012AX-00 FORYARD-FYS-4012AX-00 Datasheet
385Kb / 5P
   0.40 Inch (10.16mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BD-F406RD BRIGHT-BD-F406RD_2 Datasheet
152Kb / 3P
   0.40"(10.16mm) DUAL DIGIT DISPLAY
BD-F404RD BRIGHT-BD-F404RD Datasheet
144Kb / 3P
   0.40"(10.16mm) DUAL DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4180A9 CHINASEMI-CSS-4180A9 Datasheet
189Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180T9 CHINASEMI-CSS-4180T9 Datasheet
192Kb / 6P
   0.40 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-401E-A PARALIGHT-C-401E-A Datasheet
187Kb / 10P
   0.40 INCH SINGLE DIGIT DISPLAY
C-401SR PARALIGHT-C-401SR Datasheet
209Kb / 10P
   0.40 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com