Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-18011EX-22 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-18011EX-22
Description  1.80 Inch (45.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-18011EX-22 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-18011EX-22 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-18011EX-22 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-18011EX-22 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-18011EX-22 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-18011EX-22 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
FYS-18011E/FX-XX
A
Model No.
:FYS-18011E/FX-XX
Http://www.foryard.com


Similar Part No. - FYS-18011EX-22

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-18011EX-2 FORYARD-FYS-18011EX-2 Datasheet
326Kb / 4P
   LED DIGIT DISPLAY
FYS-18011EX-2 FORYARD-FYS-18011EX-2 Datasheet
367Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-18011EX-22

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-18012AX-00 FORYARD-FYS-18012AX-00 Datasheet
407Kb / 5P
   1.80 Inch (45.00mm) digit height Single Digit Display
FYS-18011CX-00 FORYARD-FYS-18011CX-00 Datasheet
398Kb / 5P
   1.80 Inch (45.00mm) digit height Single Digit Display
FYS-18011AX-00 FORYARD-FYS-18011AX-00 Datasheet
399Kb / 5P
   1.80 Inch (45.00mm) digit height Single Digit Display
FYS-18011GX-00 FORYARD-FYS-18011GX-00 Datasheet
403Kb / 5P
   1.80 Inch (45.00mm) digit height Single Digit Display
logo
China Semiconductor Cor...
CSS-1814B7 CHINASEMI-CSS-1814B7 Datasheet
185Kb / 6P
   1.80 Inch Single Digit Display
CSS-1814T9 CHINASEMI-CSS-1814T9 Datasheet
188Kb / 6P
   1.80 Inch Single Digit Display
CSS-1814E CHINASEMI-CSS-1814E Datasheet
190Kb / 6P
   1.80 Inch Single Digit Display
CSS-1814V9 CHINASEMI-CSS-1814V9 Datasheet
183Kb / 6P
   1.80 Inch Single Digit Display
CSS-1814G CHINASEMI-CSS-1814G Datasheet
190Kb / 6P
   1.80 Inch Single Digit Display
CSS-1814A9 CHINASEMI-CSS-1814A9 Datasheet
187Kb / 6P
   1.80 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com