Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7606 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7606
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7606 Datasheet(HTML) 7 Page - International Rectifier

  IRF7606 Datasheet HTML 1Page - International Rectifier IRF7606 Datasheet HTML 2Page - International Rectifier IRF7606 Datasheet HTML 3Page - International Rectifier IRF7606 Datasheet HTML 4Page - International Rectifier IRF7606 Datasheet HTML 5Page - International Rectifier IRF7606 Datasheet HTML 6Page - International Rectifier IRF7606 Datasheet HTML 7Page - International Rectifier IRF7606 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7606
Package Outline
Micro8 Outline
Dimensions are shown in millimeters (inches)
Micro8
Part Marking Information
INCHE S
MIL L IME T E RS
M IN
M A X
M I N
M A X
A
0.10 (.004)
0.25 (.010)
M
A
M
H
1
2
3
4
8
7
6
5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.08 (.003)
M
C
A S
B
S
A 1
L
8X
C
8X
θ
NO TE S :
1 D IM E N S IO N IN G A ND T OLE RA N C IN G P E R AN SI Y14 .5 M -1982.
2 CO NTRO L L IN G DIME NS IO N : INCH.
3 DIME NS IO NS DO NO T INCL UDE MO L D FL A S H.
A
.036
.044
0. 91
1.11
A 1
.004
.008
0. 10
0.20
B
.010
.014
0. 25
0.36
C
.005
.007
0.13
0.18
D
.116
.120
2.95
3.05
e
.0256 BA SIC
0. 65 BASI C
e1
.0128 BA SIC
0. 33 BASI C
E
.116
.120
2.95
3. 05
H
.188
.198
4.78
5. 03
L
.016
.026
0. 41
0. 66
θ
0 °
6 °
0 °
6 °
DIM
LE AD AS SIG N M E N T S
SIN G LE
DUA L
D D D D
D 1 D1 D2 D2
S S S G
S1 G 1 S2 G 2
1
2
3
4
1
2
3
4
8
7
6
5
8
7
6
5
RE CO MME NDE D FO O T P R IN T
1.04
( .041 )
8X
0. 38
( .015 )
8X
3. 20
( . 126 )
4.24
( .167 )
5. 28
( . 2 08 )
0. 6 5
( .0256 )
6X
PA R T N U M B ER
451
7501
TO P
E XAM PL E : T H IS IS AN IR F 75 0 1
A
DAT E CO DE ( YW W )
Y = L AS T D IG IT O F YEA R
WW = WE EK


Similar Part No. - IRF7606

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7606PBF IRF-IRF7606PBF Datasheet
183Kb / 7P
   HEXFET Power MOSFET
IRF7606PBF IRF-IRF7606PBF Datasheet
189Kb / 7P
   Generation V Technology
IRF7606PBF IRF-IRF7606PBF_15 Datasheet
189Kb / 7P
   Generation V Technology
More results

Similar Description - IRF7606

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7451 IRF-IRF7451 Datasheet
209Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)max=0.09ohm, Id=3.6A)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com