Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856691-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856691-EVB
Description  140 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856691-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856691-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 6Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 7Page - TriQuint Semiconductor 856691-EVB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
856691
140 MHz SAW Filter
Data Sheet: Rev B 12/10/10
- 1 of 8 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
Wireless infrastructure
Microwave communications IF filtering
General purpose IF
Functional Block Diagram SE/SE
Top View
Functional Block Diagram Bal/SE
Top view
8
7
6
5
4
3
2
1
9
10
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
Input
Output
Gnd
Gnd
8
7
6
5
4
3
2
1
9
10
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
Input
Input
Return
Output
Gnd
Product Features
Usable bandwidth 1.5 MHz
High attenuation
Balanced or Single-ended operation
Ceramic Surface Mount Package (SMP)
Dimensions: 9.1 x 4.8 x 1.24 mm
Hermetic RoHS compliant, Pb-free
Pin Configuration
Pin # SE/SE
Description
9
Input
10
Ground
4
Output
5
Ground
1,2,3,6,7,8
Case Ground
General Description
856691 is a 1.5MHz bandwidth filter which is part of
TriQuint’s 140MHz center frequency family for use in IF
filtering for various channelized communication systems.
Housed in a hermetic surface mount package, 856691
offers low insertion loss, constant group delay, and good
input power handling capability.
856691 offers an excellent choice for narrowband selection
for communication systems.
Pin # Balanced/SE
Description
9
Input +
10
Input -
4
Output
5
Ground
1,2,3,6,7,8
Case Ground
Ordering Information
Part No.
Description
856691
packaged part
856691-EVB
evaluation board
Standard T/R size = 4000 units/reel.
Pb


Similar Part No. - 856691-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856690 TRIQUINT-856690_15 Datasheet
354Kb / 5P
   756 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856693 TRIQUINT-856693_15 Datasheet
444Kb / 5P
   140 MHz SAW Filter
856694 TRIQUINT-856694_15 Datasheet
408Kb / 6P
   140 MHz SAW Filter
856695 TRIQUINT-856695_15 Datasheet
397Kb / 6P
   140 MHz SAW Filter
More results

Similar Description - 856691-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com