Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856678-EVB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856678-EVB
Description  1950 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856678-EVB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856678-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856678-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856678-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856678-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856678-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856678-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
856678
1950 MHz SAW Filter
Data Sheet: Rev F 11-14-2014
- 2 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
(1)
−40 to +85 °C
Operable Temperature
(2)
−30 to +85 °C
DC Voltage (instantaneous only on any port)
+5 V
Notes:
1. Operation of this device outside the parameter ranges given may
cause permanent damage.
2. Specifications are not guaranteed over all operable conditions.
Electrical Specifications
(1,2,3)
Test conditions unless otherwise noted:
(2) Temp= −30 °C to +85 °C
Parameter
(3)
Conditions
Min
Typ
(4)
Max
Units
Center Frequency
-
1950
-
MHz
Insertion Loss
1920
– 1980 MHz
-
1.8
3.0
dB
Amplitude Variation
1920
– 1980 MHz
0.45
1.6
dB p-p
1920
– 1980 MHz
(over any 5 MHz band)
0.25
0.8
Phase Ripple
1920
– 1980 MHz
16
30
Deg.
Absolute Delay
1920
– 1980 MHz
11
50
ns
Group Delay Variation
1920
– 1980 MHz
6
30
ns p-p
Stopband Attenuation
(relative to zero dB)
180
– 220 MHz
1470
– 1500 MHz
1500
– 1540 MHz
1540
– 1570 MHz
1570
– 1601 MHz
1601
– 1670 MHz
1814
– 1840 MHz
1840
– 1878 MHz
2025
– 2050 MHz
2100
– 2170 MHz
2490
– 3000 MHz
3213
– 3755 MHz
4925
– 5527 MHz
20
35
35
35
35
17
20
15
3
20
25
25
25
49
44.5
40.5
42
45.5
42
33
35.5
11.5
28
44
51.5
41.5
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
Input/Output VSWR
1920
– 1980 MHz
1.5:1
2.2:1
-
Source Impedance
(5)
single-ended
-
50
-
Ohms
Load Impedance
(5)
single-ended
-
50
-
Ohms
Notes:
1. All specifications are based on the test circuit shown below.
2. Production test is performed at room temp. to a guard-banded specification to ensure electrical compliance over temperature.
3. Electrical margin has been built into the design to account for variation due to temperature drift and manufacturing tolerances.
4. Typical values are based on average measurements at room temperature
5. This is the optimum impedance in order to achieve the performance shown.


Similar Part No. - 856678-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856671 TRIQUINT-856671_15 Datasheet
392Kb / 6P
   897.5 MHz SAW Filter
856672 TRIQUINT-856672_15 Datasheet
442Kb / 6P
   456 MHz SAW Filter
More results

Similar Description - 856678-EVB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
   SAW Filter 1950 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
   1950 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2224E MURATA-SF2224E Datasheet
627Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1590A TAI-SAW-TA1590A Datasheet
140Kb / 8P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0235A TAI-SAW-TA0235A Datasheet
702Kb / 6P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856661 TRIQUINT-856661_15 Datasheet
298Kb / 5P
   1950 MHz SAW Filter
855938 TRIQUINT-855938 Datasheet
488Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1397A TAI-SAW-TA1397A Datasheet
248Kb / 8P
   SAW Filter 1950 MHz BW60MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com