Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856625 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856625
Description  520 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856625 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856625_15 Datasheet HTML 1Page - TriQuint Semiconductor 856625_15 Datasheet HTML 2Page - TriQuint Semiconductor 856625_15 Datasheet HTML 3Page - TriQuint Semiconductor 856625_15 Datasheet HTML 4Page - TriQuint Semiconductor 856625_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
Part Number 856625
520 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
12/07 TriQuint Semiconductor, Inc.
Page 5 of 5
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-40
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
Important Notes
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
RoHS Compliance
• This product complies with EU directive 2002/95/EC (RoHS)
Solderability
• Compatible with JESD22-B102, Pb-free process, 260C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS Information
Other Technical Information
TriQuint’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. TriQuint does not accept any liability
for applications, processes, circuits or assemblies, which are implemented using any TriQuint component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: info-product@tqs.com
Web: www.triquint.com
Or contact one of our worldwide
Network of sales offices,
Representatives or distributors
Pb


Similar Part No. - 856625_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856620 TRIQUINT-856620_15 Datasheet
427Kb / 5P
   172.8 MHz SAW Filter
856623 TRIQUINT-856623_15 Datasheet
402Kb / 5P
   464 MHz SAW Filter
More results

Similar Description - 856625_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856680 TRIQUINT-856680_15 Datasheet
572Kb / 5P
   520 MHz SAW Filter
logo
KR Electronics, Inc.
3152-SMA KR-3152-SMA Datasheet
77Kb / 3P
   520 MHz Bandpass Filter
3152 KR-3152 Datasheet
105Kb / 3P
   520 MHz Bandpass Filter
logo
Analog Devices
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
   225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
   520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com