Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856598-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856598-EVB
Description  1220 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856598-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856598-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
856598
1220 MHz SAW Filter
Data Sheet: Rev. B 14-06-16
- 1 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
 For broadband access applications
Product Features
 Usable bandwidth 50 MHz
 Low loss
 High attenuation
 Balanced operation
 Small size: 3.8 x 3.8 x 1.27 mm
 Ceramic Surface Mount Package (SMP)
 Hermetically sealed
 RoHS (2002/95/EC) compliant, Pb-free
SMP-15, 3.8 x 3.8 x 1.27
 mm
Functional Block Diagram
4
8
7
6
5
1
2
3
Input +
Input -
Output -
Output +
Gnd
Gnd
Gnd
Gnd
Top View
Pin Configuration
Pin No.
Label
1
Input +
2
Input −
5
Output +
6
Output −
3,4,7,8
Ground
General Description
The 856598 is a high-performance IF SAW filter with a
center frequency of 1220 MHz and a usable bandwidth
of 50 MHz
It features low loss with excellent attenuation, and is
designed to be used with a balanced input and output.
Ordering Information
Part No.
Description
856598
Packaged Part
856598-EVB
Evaluation board
Standard T/R size = 4000 units/reel
Pb


Similar Part No. - 856598-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856592 TRIQUINT-856592_15 Datasheet
491Kb / 5P
   140 MHz SAW Filter
logo
Tyco Electronics
856593--1 MACOM-856593--1 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
More results

Similar Description - 856598-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
   1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
   SAW Filter 1220 MHz
logo
TriQuint Semiconductor
856298 TRIQUINT-856298_15 Datasheet
376Kb / 6P
   1220 MHz SAW Filter
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
   1220 MHz SAW Filter
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
   1220 MHz SAW Filter
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
   1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
   1220 MHz SAW Filter
logo
TriQuint Semiconductor
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2017E RFM-SF2017E Datasheet
779Kb / 5P
   1220 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com