Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7469 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7469
Description  Power MOSFET(Vdss=40V, Id=9.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7469 Datasheet(HTML) 6 Page - International Rectifier

  IRF7469 Datasheet HTML 1Page - International Rectifier IRF7469 Datasheet HTML 2Page - International Rectifier IRF7469 Datasheet HTML 3Page - International Rectifier IRF7469 Datasheet HTML 4Page - International Rectifier IRF7469 Datasheet HTML 5Page - International Rectifier IRF7469 Datasheet HTML 6Page - International Rectifier IRF7469 Datasheet HTML 7Page - International Rectifier IRF7469 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7469
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 13a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 14a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 14c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
t p
V (BR )DS S
I AS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVE R
A
15 V
20V
25
50
75
100
125
150
0
100
200
300
400
500
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
3.2A
5.8A
7.2A
0
20
406080
ID , Drain Current (A)
0.01
0.02
0.03
VGS = 10V
VGS = 4.5V
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate -to -Source Voltage (V)
0.01
0.02
0.03
ID = 9.0A


Similar Part No. - IRF7469

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7469 UMW-IRF7469 Datasheet
311Kb / 8P
   N-Channel MOSFET
logo
International Rectifier
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
131Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7469PBF-1 IRF-IRF7469PBF-1 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7469

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
   Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
   Power MOSFET(Vdss=40V, Id=9.4A)
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com