Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMART1500XLTAA Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SMART1500XLTAA
Description  TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500XLTAA Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMART1500XLTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500XLTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500XLTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500XLTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500XLTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BATTERY
Full Load Runtime (min.)
7 min. (980w)
Half Load Runtime (min.)
20 min. (490w)
Expandable Battery Runtime
Extended runtime supported via optional external battery packs
External Battery Pack Compatibility
BP36V15-2U (limit 1); BP36V42-3U (multi-pack compatible); BP36V27-2US (multi-pack compatible)
DC System Voltage (VDC)
36
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC53
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75 to 147
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 93 and 107 are boosted by 14%
Severe Undervoltage Correction
Input voltages between 75 and 92 are boosted by 30%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure, overload and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
3 / 5


Similar Part No. - SMART1500XLTAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
More results

Similar Description - SMART1500XLTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com