Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR3060RF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SBR3060RF
Description  30.0AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBR3060RF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SBR3060RF_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR3060RF_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
TYP
For capacitive load, derate current by 20%.
E NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
(Per Leg)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 15
30
180
15
15
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
0.5
12
V
V
A
A
V
mA
pF
Typical Thermal Resistance (Note 2)
4.0
-50
+150
-65
+175
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
SBR3060RF
60
60
60
F
A
A
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
1700
0.62
0.68
~
~
SYMBOL
o
o
o
(Per Device)
J
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
10000
TJ
TSTG
V/us
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams(Approximately)
Any changing of specification will not be informed individual
SBR3060RF
VOLTAGE 60V
.0AMP Schottky Barrier Rectifiers
30
http://www.SeCoSGmbH.com
Elektronische Bauelemente
-
-20
Rev.
Page 1 of 2
ITO-220
0.2
0.2
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
2.54
0.7 0.2
2.54 0.2
1.3 0.2
10 0.5
3.2 0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
.
(Note )


Similar Part No. - SBR3060RF_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR3060RF SECOS-SBR3060RF_10 Datasheet
594Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SBR3060RF_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SP30150R SECOS-SP30150R Datasheet
232Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_10 Datasheet
558Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_09 Datasheet
396Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SR30200 SECOS-SR30200 Datasheet
209Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
SBR30100RF SECOS-SBR30100RF_10 Datasheet
509Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com