Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSMD6N50C Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # KSMD6N50C
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD6N50C Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  KSMD6N50C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD6N50C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 2.25 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC (t) = 2 . 0 5
/W M a x .
2 . D uty Fa c to r, D = t
1/t 2
3 . T
JM - T C = P DM * Z θ JC (t)
sin g le p u lse
D= 0 .5
0.02
0.2
0.0 5
0.1
0.01
t
1, S quare W a v e P u l s e D u ra tion [s ec ]
25
50
75
100
125
150
0
1
2
3
4
5
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
DC
10 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
KSMD6N50C / KSMU6N50C
2014-7-31
4
www.kersemi.com


Similar Part No. - KSMD6N50C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD6N25 KERSEMI-KSMD6N25 Datasheet
1Mb / 8P
   250V N-CHANNEL MOSFET
KSMD6N40 KERSEMI-KSMD6N40 Datasheet
1Mb / 8P
   400V N-CHANNEL MOSFET
KSMD6N60 KERSEMI-KSMD6N60 Datasheet
718Kb / 4P
   Excellent package for good heat dissipation.
KSMD6N60C KERSEMI-KSMD6N60C Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - KSMD6N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com