Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSMD3N50C Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # KSMD3N50C
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD3N50C Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  KSMD3N50C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD3N50C Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom : 5.0 V
Notes :
1. 250µs Pulse Test
2. T
C = 25°C
V
DS, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
Note
1. V
DS = 40V
2. 250µs Pulse Test
-55°C
150°C
25°C
V
GS , Gate-Source Voltage [V]
0246
8
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
V
GS = 20V
V
GS = 10V
Note : T
J = 25°C
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150°C
Notes :
1. V
GS = 0V
2. 250µs Pulse Test
25°C
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
200
400
600
C
iss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
V
DS, Drain-Source Voltage [V]
05
10
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 3A
Q
G, Total Gate Charge [nC]
KSMD3N50C/KSMU3N50C
2014-7-30
3
www.kersemi.com


Similar Part No. - KSMD3N50C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD3N25 KERSEMI-KSMD3N25 Datasheet
1Mb / 8P
   250V N-Channel MOSFET
KSMD3N30 KERSEMI-KSMD3N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
KSMD3N40 KERSEMI-KSMD3N40 Datasheet
1Mb / 8P
   400V N-CHANNEL MOSFET
KSMD3N60 KERSEMI-KSMD3N60 Datasheet
712Kb / 4P
   Excellent package for good heat dissipation.
KSMD3N60C KERSEMI-KSMD3N60C Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - KSMD3N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com