Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856503 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856503
Description  836.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856503 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856503_15 Datasheet HTML 1Page - TriQuint Semiconductor 856503_15 Datasheet HTML 2Page - TriQuint Semiconductor 856503_15 Datasheet HTML 3Page - TriQuint Semiconductor 856503_15 Datasheet HTML 4Page - TriQuint Semiconductor 856503_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary Data Sheet
Part Number 856503
836.5 MHz SAW Filter
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-30
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
RF Power
Pin
-
+10
dBm
Important Notes
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
RoHS Compliance
• This product complies with EU directive 2002/95/EC (RoHS)
Solderability
• Compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS information
Other Technical Information
Sawtek’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for
applications, processes, circuits or assemblies, which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
Network of sales offices,
representatives or distributors
Pb
Subject to change or obsolescence without notice
Rev C
09-Sep-2005
Page 5 of 5


Similar Part No. - 856503_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856504 TRIQUINT-856504_15 Datasheet
574Kb / 5P
   881.5 MHz SAW Filter
More results

Similar Description - 856503_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com