Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630NS Datasheet(PDF) 9 Page - International Rectifier

Part # IRF630NS
Description  Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF630NS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF630NS Datasheet HTML 3Page - International Rectifier IRF630NS Datasheet HTML 4Page - International Rectifier IRF630NS Datasheet HTML 5Page - International Rectifier IRF630NS Datasheet HTML 6Page - International Rectifier IRF630NS Datasheet HTML 7Page - International Rectifier IRF630NS Datasheet HTML 8Page - International Rectifier IRF630NS Datasheet HTML 9Page - International Rectifier IRF630NS Datasheet HTML 10Page - International Rectifier IRF630NS Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF630N/S/L
www.irf.com
9
D2Pak Package Outline
D2Pak Part Marking Information
10.16 (.400)
R E F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.8 9 (.350)
R E F .
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1.39 (.055)
1.14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15.4 9 (.610)
14.7 3 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 (.200)
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
M A X.
N O T ES:
1 D IM E N S IO N S A F T E R S O L D E R D IP .
2 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
3 CO N T R O L L ING DIME N S IO N : INCH .
4 H EAT SIN K & L EAD D IM E N S IO N S D O N O T IN C L U D E BU R R S.
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MINIM U M RE C O MME N D E D F O O T P R IN T
11.43 (.450)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2 X
LE AD ASSIGN M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
2.54 (.100)
2 X
P A RT NUM B E R
IN T E RNA T IO N A L
R E C T IF IE R
L O G O
DAT E CODE
(YYW W )
YY = YEA R
WW = WE E K
A S S E M B L Y
L O T
C O D E
F5 30 S
9 B
1 M
92 46
A


Similar Part No. - IRF630NS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF630NS FAIRCHILD-IRF630NS Datasheet
209Kb / 11P
   N-Channel Power MOSFETs 200V, 9.3A, 0.30?
logo
International Rectifier
IRF630NS IRF-IRF630NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
logo
TRANSYS Electronics Lim...
IRF630NS TEL-IRF630NS Datasheet
173Kb / 2P
   Power MOSFET
logo
International Rectifier
IRF630NSPBF IRF-IRF630NSPBF Datasheet
292Kb / 11P
   HEXFET Power MOSFET
IRF630NSPBF IRF-IRF630NSPBF Datasheet
340Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF630NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRFB9N30A IRF-IRFB9N30A Datasheet
137Kb / 8P
   Power MOSFET(Vdss=300V, Rds(on)=0.45ohm, Id=9.3A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRFI9640G IRF-IRFI9640G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-6.1A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com