Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856298 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856298
Description  1220 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856298 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856298 Datasheet HTML 1Page - TriQuint Semiconductor 856298 Datasheet HTML 2Page - TriQuint Semiconductor 856298 Datasheet HTML 3Page - TriQuint Semiconductor 856298 Datasheet HTML 4Page - TriQuint Semiconductor 856298 Datasheet HTML 5Page - TriQuint Semiconductor 856298 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
856298
1220 MHz SAW Filter
Data Sheet: Rev E 10/17/11
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
Marking
code
Date code
JJJYM
logo
ID dot
SAWTEK
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.20
3.00
0.60
3.00
BJ
Package Style: SMP-12D
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
T The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing
site code
Tape and Reel Information
Standard T/R size = 5000 units/reel. All dimensions are in millimeters
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
Sawtek


Similar Part No. - 856298

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
   1220 MHz SAW Filter
More results

Similar Description - 856298

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
   1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
   SAW Filter 1220 MHz
logo
TriQuint Semiconductor
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
   1220 MHz SAW Filter
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
   1220 MHz SAW Filter
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
   1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
   1220 MHz SAW Filter
logo
TriQuint Semiconductor
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
   1220 MHz SAW Filter
856598 TRIQUINT-856598_15 Datasheet
1Mb / 6P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2017E RFM-SF2017E Datasheet
779Kb / 5P
   1220 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com