Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HR1
Description  on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HR1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HR1_15 Datasheet HTML 1Page - Renesas Technology Corp HR1_15 Datasheet HTML 2Page - Renesas Technology Corp HR1_15 Datasheet HTML 3Page - Renesas Technology Corp HR1_15 Datasheet HTML 4Page - Renesas Technology Corp HR1_15 Datasheet HTML 5Page - Renesas Technology Corp HR1_15 Datasheet HTML 6Page - Renesas Technology Corp HR1_15 Datasheet HTML 7Page - Renesas Technology Corp HR1_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3
Data Sheet D16184EJ4V0DS
HR1 SERIES
HR1A4M
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−100
nA
DC current gain
hFE1
Note
VCE =
−2.0 V, IC = −0.1 A
150
DC current gain
hFE2
Note
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE3
Note
VCE =
−2.0 V, IC = −1.0 A
50
Low level output voltage
VOL
Note
VIN =
−5.0 V, IC = −0.1 A
−0.2
V
Low level input voltage
VIL
Note
VCE =
−5.0 V, IC = −100
μA
−0.3
V
Input resistance
R1
7
10
13
k
Ω
E-to-B resistance
R2
7
10
13
k
Ω
Note
PW
≤ 350
μs, duty cycle ≤ 2 %
HR1L2Q
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−100
nA
DC current gain
hFE1
Note
VCE =
−2.0 V, IC = −0.1 A
150
DC current gain
hFE2
Note
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE3
Note
VCE =
−2.0 V, IC = −1.0 A
50
Low level output voltage
VOL
Note
VIN =
−5.0 V, IC = −0.5 A
−0.55
V
Low level input voltage
VIL
Note
VCE =
−5.0 V, IC = −100
μA
−0.3
V
Input resistance
R1
329
470
611
Ω
E-to-B resistance
R2
3.29
4.7
6.11
k
Ω
Note
PW
≤ 350
μs, duty cycle ≤ 2 %
HR1F2Q
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−100
nA
DC current gain
hFE1
Note
VCE =
−2.0 V, IC = −0.1 A
100
DC current gain
hFE2
Note
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE3
Note
VCE =
−2.0 V, IC = −1.0 A
50
Low level output voltage
VOL
Note
VIN =
−5.0 V, IC = −0.5 A
−0.55
V
Low level input voltage
VIL
Note
VCE =
−5.0 V, IC = −100
μA
−0.3
V
Input resistance
R1
154
220
286
Ω
E-to-B resistance
R2
1.54
2.2
2.86
k
Ω
Note
PW
≤ 350
μs, duty cycle ≤ 2 %


Similar Part No. - HR1_15

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 INTERPOINT-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
HR121-2815 INTERPOINT-HR121-2815 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Monolithic Power System...
HR1211 MPS-HR1211 Datasheet
2Mb / 39P
   Multi-Mode PFC and Current Mode LLC Controller with Configurable Audible Noise Reduction Control
1/4/2021
More results

Similar Description - HR1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FP1 RENESAS-FP1_15 Datasheet
270Kb / 10P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
NEC
BP1A4A NEC-BP1A4A Datasheet
94Kb / 6P
   On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
HQ1 RENESAS-HQ1_15 Datasheet
292Kb / 8P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
NEC
HR1F3P NEC-HR1F3P Datasheet
120Kb / 6P
   On-chip resistor PNP silicon epitaxial transistor For mid-speed switching
BN1A4Z NEC-BN1A4Z Datasheet
106Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AN1A3Q RENESAS-AN1A3Q Datasheet
237Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
AN1A4Z RENESAS-AN1A4Z Datasheet
236Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
logo
NEC
BN1F4Z NEC-BN1F4Z Datasheet
84Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
logo
Renesas Technology Corp
AN1F4Z RENESAS-AN1F4Z Datasheet
235Kb / 6P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
April 1st, 2010
logo
NEC
BN1A3Q NEC-BN1A3Q Datasheet
109Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor For mid-speed switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com