Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP100P04PDG-E1-AYNote Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NP100P04PDG-E1-AYNote
Description  SWITCHING P-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100P04PDG-E1-AYNote Datasheet(HTML) 5 Page - Renesas Technology Corp

  NP100P04PDG-E1-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP100P04PDG-E1-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet D18692EJ3V0DS
3
NP100P04PDG
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75 100 125 150 175 200
Tch - Channel Temperature -
°C
0
40
80
120
160
200
240
0
25
50
75 100 125 150 175 200
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
-100
DC
ID(DC)
ID(pulse)
RDS(on) Limited
(VGS =
−10 V)
TC = 25
°C
Single Pulse
PW
= 1
i
00
μs
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.001
0.01
0.1
1
10
100
1000
Rth(ch-A) = 83.3
°C/Wi
Rth(ch-C) = 0.75
°C/Wi
Single Pulse
PW - Pulse Width - s
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - NP100P04PDG-E1-AYNote

ManufacturerPart #DatasheetDescription
logo
NEC
NP100P04PDG-E1-AY NEC-NP100P04PDG-E1-AY Datasheet
190Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP100P04PDG-E1-AYNote

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com