Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP88N075CUE-S12-AZNote1,2 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # NP88N075CUE-S12-AZNote1,2
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP88N075CUE-S12-AZNote1,2 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button NP88N075CUE-S12-AZNote1,2 Datasheet HTML 4Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 5Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 6Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 7Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 8Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 9Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 10Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 11Page - Renesas Technology Corp NP88N075CUE-S12-AZNote1,2 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet D14676EJ6V0DS
9
NP88N075EUE, NP88N075KUE, NP88N075CUE, NP88N075DUE, NP88N075MUE, NP88N075NUE
TAPE INFORMATION
There are two types (-E1, -E2) of taping depending on the direction of the device.
Reel side
Draw-out side
MARKING INFORMATION
88N075
Lot code
NEC
UE
Pb-free plating marking
Abbreviation of part number
RECOMMENDED SOLDERING CONDITIONS
These products should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, please contact an NEC Electronics
sales representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
MP-25ZJ, MP-25ZK
Maximum temperature (Package's surface temperature): 260
°C or below
Time at maximum temperature: 10 seconds or less
Time of temperature higher than 220
°C: 60 seconds or less
Preheating time at 160 to 180
°C: 60 to 120 seconds
Maximum number of reflow processes: 3 times
Maximum chlorine content of rosin flux (percentage mass): 0.2% or less
IR60-00-3
Wave soldering
MP-25, MP-25K, MP-25SK,
MP-25 Fin Cut
Maximum temperature (Solder temperature): 260
°C or below
Time: 10 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
THDWS
Partial heating
MP-25ZJ, MP-25ZK,
MP-25K, MP-25SK
Maximum temperature (Pin temperature): 350
°C or below
Time (per side of the device): 3 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
P350
Partial heating
MP-25, MP-25 Fin Cut
Maximum temperature (Pin temperature): 300
°C or below
Time (per side of the device): 3 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
P300
Caution Do not use different soldering methods together (except for partial heating).
<R>
<R>
<R>


Similar Part No. - NP88N075CUE-S12-AZNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
NP88N075CUE-S12-AZ NEC-NP88N075CUE-S12-AZ Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP88N075CUE-S12-AZ RENESAS-NP88N075CUE-S12-AZ Datasheet
303Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP88N075CUE-S12-AZNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com