Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N04PUG-E2B-AYNote Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP80N04PUG-E2B-AYNote
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N04PUG-E2B-AYNote Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP80N04PUG-E2B-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP80N04PUG-E2B-AYNote Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SWITCHING
N-CHANNEL POWER MOS FET
MOS FIELD EFFECT TRANSISTOR
NP80N04NUG, NP80N04PUG
DATA SHEET
Document No. D19799EJ1V0DS00 (1st edition)
Date Published May 2009 NS
Printed in Japan
2009
(TO-262)
(TO-263)
DESCRIPTION
The NP80N04NUG and NP80N04PUG are N-channel MOS Field Effect Transistors designed for high current
switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP80N04NUG-S18-AY
Note
Tube
50 p/tube
TO-262 (MP-25SK) typ. 1.8 g
NP80N04PUG-E1B-AY
Note
NP80N04PUG-E2B-AY
Note
Pure Sn (Tin)
Tape
1000 p/reel
TO-263 (MP-25ZP) typ. 1.5 g
Note Pb-free (This product does not contain Pb in the external electrode.)
FEATURES
• Non logic level
• Super low on-state resistance
- NP80N04NUG
RDS(on) = 4.8 m
Ω MAX. (VGS = 10 V, ID = 40 A)
- NP80N04PUG
RDS(on) = 4.5 m
Ω MAX. (VGS = 10 V, ID = 40 A)
• High current rating
ID(DC) =
±80 A
• Low input capacitance
Ciss = 4900 pF TYP.
• Designed for automotive application and AEC-Q101 qualified


Similar Part No. - NP80N04PUG-E2B-AYNote

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP80N04PUG-E2B-AY RENESAS-NP80N04PUG-E2B-AY Datasheet
345Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
NP80N04PUG-E2B-AY VBSEMI-NP80N04PUG-E2B-AY Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET
More results

Similar Description - NP80N04PUG-E2B-AYNote

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com